Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 114 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 114 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 110Page - PMC-Sierra, Inc PM5313 Datasheet HTML 111Page - PMC-Sierra, Inc PM5313 Datasheet HTML 112Page - PMC-Sierra, Inc PM5313 Datasheet HTML 113Page - PMC-Sierra, Inc PM5313 Datasheet HTML 114Page - PMC-Sierra, Inc PM5313 Datasheet HTML 115Page - PMC-Sierra, Inc PM5313 Datasheet HTML 116Page - PMC-Sierra, Inc PM5313 Datasheet HTML 117Page - PMC-Sierra, Inc PM5313 Datasheet HTML 118Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
82
Pin Name
Pin
Type
PIN
No.
Function
AD[8]
AD[9]
AD[10]
AD[11]
AD[12]
AD[13]
AD[14]
AD[15]
Input
K28
K27
L30
L29
L28
M31
M30
M29
In single ADD bus interface STS-12 (STM-4) mode,
the ADD bus data (AD[15:8]) is disabled. In quad
ADD bus interface STS-3 (STM-1) mode, the ADD
bus data (AD[15:8]) contains the 2
nd STS-3/3c
(STM-1/AU3/AU4) SONET/SDH payload data to
transmit. When ADD bus TSI functionality is
enabled, the association of ADD bus payloads to
the transmitted payloads is software configurable in
the SPECTRA-622 ADD Bus STM-1 #1..4 AU3
#1..3 Select registers. The transport overhead bytes
are ignored with the programmable exception of the
H1 and H2 pointer bytes. The phase relation of the
SPE (VC) to the transport frame is determined by
the ADD bus composite timing signal (AC1J1V1[2])
or optionally by interpreting the H1 and H2 pointer
bytes. AD[15] is the most significant bit
(corresponding to bit 1 of each serial word, the first
bit transmitted). AD[8] is the least significant bit
(corresponding to bit 8 of each serial word, the last
bit transmitted).
AD[15:8] is sampled on the rising edge of ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com