Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 117 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 117 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 113Page - PMC-Sierra, Inc PM5313 Datasheet HTML 114Page - PMC-Sierra, Inc PM5313 Datasheet HTML 115Page - PMC-Sierra, Inc PM5313 Datasheet HTML 116Page - PMC-Sierra, Inc PM5313 Datasheet HTML 117Page - PMC-Sierra, Inc PM5313 Datasheet HTML 118Page - PMC-Sierra, Inc PM5313 Datasheet HTML 119Page - PMC-Sierra, Inc PM5313 Datasheet HTML 120Page - PMC-Sierra, Inc PM5313 Datasheet HTML 121Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
85
Pin Name
Pin
Type
PIN
No.
Function
APL[2]
Input
K30
The ADD bus payload active signal #2 (APL[2])
indicates when AD[15:8] is carrying a payload byte.
It is set high during path overhead and payload
bytes and low during transport overhead bytes.
APL[2] is set high during the H3 byte to indicate a
negative pointer justification event and set low
during the byte following H3 to indicate a positive
pointer justification event. The APL[2] input must be
strapped low when the AFPEN bit in SPECTRA-622
Add Bus Configuration is set high.
APL[2] is sampled on the rising edge of ACK.
APL[3]
Input
U31
The ADD bus payload active signal #3 (APL[3])
indicates when AD[23:16] is carrying a payload
byte. It is set high during path overhead and
payload bytes and low during transport overhead
bytes. APL[3] is set high during the H3 byte to
indicate a negative pointer justification event and
set low during the byte following H3 to indicate a
positive pointer justification event. The APL[3] input
must be strapped low when the AFPEN bit in
SPECTRA-622 Add Bus Configuration is set high.
APL[3] is sampled on the rising edge of ACK.
APL[4]
Input
AB31
The ADD bus payload active signal #4 (APL[4])
indicates when AD[31:24] is carrying a payload
byte. It is set high during path overhead and
payload bytes and low during transport overhead
bytes. APL[4] is set high during the H3 byte to
indicate a negative pointer justification event and
set low during the byte following H3 to indicate a
positive pointer justification event. The APL[4] input
must be strapped low when the AFPEN bit in
SPECTRA-622 Add Bus Configuration is set high.
APL[4] is sampled on the rising edge of ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com