Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 113 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 113 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 109Page - PMC-Sierra, Inc PM5313 Datasheet HTML 110Page - PMC-Sierra, Inc PM5313 Datasheet HTML 111Page - PMC-Sierra, Inc PM5313 Datasheet HTML 112Page - PMC-Sierra, Inc PM5313 Datasheet HTML 113Page - PMC-Sierra, Inc PM5313 Datasheet HTML 114Page - PMC-Sierra, Inc PM5313 Datasheet HTML 115Page - PMC-Sierra, Inc PM5313 Datasheet HTML 116Page - PMC-Sierra, Inc PM5313 Datasheet HTML 117Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
81
10.12 Add Bus Telecom Interface Signals
Pin Name
Pin
Type
PIN
No.
Function
ACK
Input
E31
The ADD bus clock (ACK) provides timing for the
ADD bus interface. ACK is nominally a 77.76 MHz,
50% duty cycle clock when the add interface is
configured as a single STS-12 (STM-4) interface.
ACK is nominally a 19.44 MHz, 50% duty cycle
clock when the add interface is configured as a
quad STS-3 (STM-1) interface.
Inputs AD[31:0], APL[4:1], ADP[4:1], and
AC1J1V1[4:1]/AFP[4:1] are sampled on the rising
edge of ACK.
AD[0]
AD[1]
AD[2]
AD[3]
AD[4]
AD[5]
AD[6]
AD[7]
Input
E28
F30
F29
F28
F27
G31
G30
G29
In single ADD bus interface STS-12 (STM-4) mode,
the ADD bus data (AD[7:0]) contains the STS-
12/12c (STM-4/AU3/AU4/AU4-Xc) SONET/SDH
payload data to transmit. In quad ADD bus interface
STS-3 (STM-1) mode, the ADD bus data (AD[7:0])
contains the 1
st STS-3/3c (STM-1/AU3/AU4)
SONET/SDH payload data to transmit. When ADD
bus TSI functionality is enabled, the association of
ADD bus payloads to the transmitted payloads is
software configurable in the SPECTRA-622 ADD
Bus STM-1 #1..4 AU3 #1..3 Select registers. The
transport overhead bytes are ignored with the
programmable exception of the H1 and H2 pointer
bytes. The phase relation of the SPE (VC) to the
transport frame is determined by the ADD bus
composite timing signal (AC1J1V1[1]) or optionally
by interpreting the H1 and H2 pointer bytes. AD[7] is
the most significant bit (corresponding to bit 1 of
each serial word, the first bit transmitted). AD[0] is
the least significant bit (corresponding to bit 8 of
each serial word, the last bit transmitted).
AD[7:0] is sampled on the rising edge of ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com