Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 120 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 120 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 116Page - PMC-Sierra, Inc PM5313 Datasheet HTML 117Page - PMC-Sierra, Inc PM5313 Datasheet HTML 118Page - PMC-Sierra, Inc PM5313 Datasheet HTML 119Page - PMC-Sierra, Inc PM5313 Datasheet HTML 120Page - PMC-Sierra, Inc PM5313 Datasheet HTML 121Page - PMC-Sierra, Inc PM5313 Datasheet HTML 122Page - PMC-Sierra, Inc PM5313 Datasheet HTML 123Page - PMC-Sierra, Inc PM5313 Datasheet HTML 124Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
88
Pin Name
Pin
Type
PIN
No.
Function
AC1J1V1[2]
/
Input
K29
The ADD bus composite timing signal #2
(AC1J1V1[2]) is defined when the AFPEN bit in
SPECTRA-622 Add Bus Configuration is set low.
AC1J1V1[2] identifies the frame and optionally the
payload and tributary multiframe boundaries on the
ADD data bus signals AD[15:8]. AC1J1V1[2] pulses
high with the ADD bus payload active signal #2
(APL[2]) set low to mark the first STS-1 (STM-
0/AU3) Identification byte (C1). Optionally, the
AC1J1V1[2] pulses high with APL[2] set high to
mark the path trace byte (J1). Optionally, the
AC1J1V1[2] signal pulses high on the V1 byte to
indicate tributary multiframe boundaries.
Optional marking of the J1 and V1 bytes is
controlled using the DISJ1V1 bit in the
SPECTRA-622 TPPS Path/DS3 Configuration
register. Setting DISJ1V1 bit high enables pointer
interpretation on the ADD bus. Valid H1 and H2
pointer bytes must be provided on the ADD data
bus signals (AD[15:8]) to allow the J1 position to be
identified. Optionally, the H4 byte could be provided
on the ADD data bus signals (AD[15:8]) to allow the
V1 position to be identified.
The AD[7:0], AD[15:8], AD[23:16] and AD[31:24]
ADD buses must be frame aligned with the C1
pulses of the associated AC1J1V1. All C1 pulses
must be aligned.
If the AC1J1V1[2] aligment changes, all the slices
are resynchronized and the APGMs need to be
manually regen if used.
AC1J1V1[2] is sampled on the rising edge of ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com