Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 123 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 123 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 119Page - PMC-Sierra, Inc PM5313 Datasheet HTML 120Page - PMC-Sierra, Inc PM5313 Datasheet HTML 121Page - PMC-Sierra, Inc PM5313 Datasheet HTML 122Page - PMC-Sierra, Inc PM5313 Datasheet HTML 123Page - PMC-Sierra, Inc PM5313 Datasheet HTML 124Page - PMC-Sierra, Inc PM5313 Datasheet HTML 125Page - PMC-Sierra, Inc PM5313 Datasheet HTML 126Page - PMC-Sierra, Inc PM5313 Datasheet HTML 127Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
91
Pin Name
Pin
Type
PIN
No.
Function
AFP[3]
The active high ADD bus reference frame position
signal #3 (AFP[3]) is defined when the AFPEN bit in
SPECTRA-622 Add Bus Configuration is set high.
AFP[3] indicates when the first byte of the
synchronous payload envelope (SPE byte 1 of STS-
1 #1) of the SONET/SDH stream is available on the
AD[31:24] bus. Note that AFP[3] has a fixed
relationship to the SONET/SDH frame; the start of
the SPE is determined by the STS (AU) pointer and
may change relative to AFP[3]. The DISJ1V1 bit in
the SPECTRA-622 TPPS Path/DS3 Configuration
register must be set high in this mode to enable
pointer interpretation on the ADD bus. Valid H1 and
H2 pointer bytes must be provided on the ADD data
bus (AD[23:16]) to allow the J1 position to be
identified. Optionally, the H4 byte could be provided
on the ADD data bus to allow the V1 position to be
identified.
The AD[7:0], AD[15:8], AD[23:16] and AD[31:24]
ADD buses must be frame aligned withthe AFP
pulses of the associated AC1J1V1/AFP signals. All
AFP pulses must be aligned.
If the AFP[3] aligment changes, all the slices are
resynchronized and the APGMs need to be
manually regen if used.
AFP[3] is sampled on the rising edge of ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com