Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 126 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 126 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 122Page - PMC-Sierra, Inc PM5313 Datasheet HTML 123Page - PMC-Sierra, Inc PM5313 Datasheet HTML 124Page - PMC-Sierra, Inc PM5313 Datasheet HTML 125Page - PMC-Sierra, Inc PM5313 Datasheet HTML 126Page - PMC-Sierra, Inc PM5313 Datasheet HTML 127Page - PMC-Sierra, Inc PM5313 Datasheet HTML 128Page - PMC-Sierra, Inc PM5313 Datasheet HTML 129Page - PMC-Sierra, Inc PM5313 Datasheet HTML 130Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
94
Pin Name
Pin
Type
PIN
No.
Function
ADP[2]
Input
M28
The ADD bus data parity signal #2 (ADP[2])
indicates the parity of the ADD bus #2 signals. The
ADD data bus (AD[15:8]) is always included in
parity calculations. Register bits in the SPECTRA-
622 ADD Bus Configuration register control the
inclusion of the APL[2] and AC1J1V1[2]/AFP[2]
signals in parity calculations and the sense
(odd/even) of the parity.
ADP[2] is sampled on the rising edge of ACK.
ADP[2] should not be tied high or low, this would
prevent the detection of activity by the bit ACA2 (reg
1037H)
ADP[3]
Input
W31
The ADD bus data parity signal #3 (ADP[3])
indicates the parity of the ADD bus #3 signals. The
ADD data bus (AD[23:16]) is always included in
parity calculations. Register bits in the SPECTRA-
622 ADD Bus Configuration register control the
inclusion of the APL[3] and AC1J1V1[3]/AFP[3]
signals in parity calculations and the sense
(odd/even) of the parity.
ADP[3] is sampled on the rising edge of ACK.
ADP[3] should not be tied high or low, this would
prevent the detection of activity by the bit ACA3 (reg
1037H)
ADP[4]
Input
AD30
The ADD bus data parity signal #4 (ADP[4])
indicates the parity of the ADD bus #4 signals. The
ADD data bus (AD[31:24]) is always included in
parity calculations. Register bits in the SPECTRA-
622 ADD Bus Configuration register control the
inclusion of the APL[4] and AC1J1V1[4]/AFP[4]
signals in parity calculations and the sense
(odd/even) of the parity.
ADP[4] is sampled on the rising edge of ACK.
ADP[4] should not be tied high or low, this would
prevent the detection of activity by the bit ACA4 (reg
1037H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com