Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 129 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 129 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 125Page - PMC-Sierra, Inc PM5313 Datasheet HTML 126Page - PMC-Sierra, Inc PM5313 Datasheet HTML 127Page - PMC-Sierra, Inc PM5313 Datasheet HTML 128Page - PMC-Sierra, Inc PM5313 Datasheet HTML 129Page - PMC-Sierra, Inc PM5313 Datasheet HTML 130Page - PMC-Sierra, Inc PM5313 Datasheet HTML 131Page - PMC-Sierra, Inc PM5313 Datasheet HTML 132Page - PMC-Sierra, Inc PM5313 Datasheet HTML 133Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
97
Pin Name
Type
Pin
No.
Function
DS3TDAT[1]
DS3TDAT[2]
DS3TDAT[3]
DS3TDAT[4]
DS3TDAT[5]
DS3TDAT[6]
DS3TDAT[7]
DS3TDAT[8]
DS3TDAT[9]
DS3TDAT[10]
DS3TDAT[11]
DS3TDAT[12]
Input
AL15
AK15
AH15
AG15
AH20
AK21
AJ21
AH21
AJ26
AH26
AK27
AJ27
The DS3 transmit data (DS3TDAT[12:1]) signals
contain the DS3 or payload streams to be mapped
into the SONET/SDH transmit streams when the
corresponding DS3ADDSEL bit in the SPECTRA-
622 TPPS Path and DS-3 Configuration register is
set high. The association of DS3 streams to the
transmit SONET/SDH payload streams are:
DS3TDAT[1]
STM-1 #1, AU3 #1
DS3TDAT[2]
STM-1 #2, AU3 #1
DS3TDAT[3]
STM-1 #3, AU3 #1
DS3TDAT[4]
STM-1 #4, AU3 #1
DS3TDAT[5]
STM-1 #1, AU3 #2
DS3TDAT[6]
STM-1 #2, AU3 #2
DS3TDAT[7]
STM-1 #3, AU3 #2
DS3TDAT[8]
STM-1 #4, AU3 #2
DS3TDAT[9]
STM-1 #1, AU3 #3
DS3TDAT[10]
STM-1 #2, AU3 #3
DS3TDAT[11]
STM-1 #3, AU3 #3
DS3TDAT[12]
STM-1 #4, AU3 #3
DS3TDAT[n] is sampled using the rising or falling
edge of DS3TICLK[n] as selected using the
DS3TICLKB bit in the corresponding
SPECTRA-622 TPPS Path and DS3 Configuration
register.
10.14 Microprocessor Interface Signals
Pin Name
Type
Pin
No.
Function
MBEB
Input
E7
The active low Motorola bus enable (MBEB) signal
configures the SPECTRA-622 for Motorola bus
mode where the RDB/E signal functions as E, and
the WRB/RWB signal functions as RWB. When
MBEB is high, the SPECTRA-622 is configured for
Intel bus mode where the RDB/E signal functions
as RDB. The MBEB input has an integral pull up
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com