Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 127 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 127 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 123Page - PMC-Sierra, Inc PM5313 Datasheet HTML 124Page - PMC-Sierra, Inc PM5313 Datasheet HTML 125Page - PMC-Sierra, Inc PM5313 Datasheet HTML 126Page - PMC-Sierra, Inc PM5313 Datasheet HTML 127Page - PMC-Sierra, Inc PM5313 Datasheet HTML 128Page - PMC-Sierra, Inc PM5313 Datasheet HTML 129Page - PMC-Sierra, Inc PM5313 Datasheet HTML 130Page - PMC-Sierra, Inc PM5313 Datasheet HTML 131Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
95
10.13 DS3 System Side Interface
Pin Name
Type
Pin
No.
Function
DS3RICLK
Input
AL27
The DS3 receive input clock (DS3RICLK) provides
timing for the receive DS3 interface. It is a
nominally 44.928 MHz, 50% duty cycle clock.
DS3RICLK is gapped to generate the DS3 receive
output clocks (DS3ROCLK[12:1]).
DS3ROCLK[1]
DS3ROCLK[2]
DS3ROCLK[3]
DS3ROCLK[4]
DS3ROCLK[5]
DS3ROCLK[6]
DS3ROCLK[7]
DS3ROCLK[8]
DS3ROCLK[9]
DS3ROCLK[10]
DS3ROCLK[11]
DS3ROCLK[12]
Output
AK11
AJ11
AH11
AH12
AK17
AJ17
AH17
AG17
AL22
AK22
AJ22
AL23
The DS3 receive output clocks (DS3ROCLK[12:1])
provide timing to the DS3 received streams that
have been de-mapped from the receive
SONET/SDH stream.
DS3ROCLK[n] is nominally 44.736 MHz. The de-
mapped DS3 receive stream is clocked out on the
DS3RDAT[n].
DS3ROCLK[n] is generated by gapping DS3RICLK
when the DS3_SEL52 bit in the corresponding
SPECTRA-622 RPPS Path and DS3 Configuration
register is set low. DS3ROCLK[n] is generated by
gapping an internal 51.84 MHz clock when the
DS3_SEL52 bit is set high, in this mode, the
REFCLK signal is required.
DS3RDAT[n] is updated on the falling edge of
DS3ROCLK[n].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com