Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 130 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 130 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 126Page - PMC-Sierra, Inc PM5313 Datasheet HTML 127Page - PMC-Sierra, Inc PM5313 Datasheet HTML 128Page - PMC-Sierra, Inc PM5313 Datasheet HTML 129Page - PMC-Sierra, Inc PM5313 Datasheet HTML 130Page - PMC-Sierra, Inc PM5313 Datasheet HTML 131Page - PMC-Sierra, Inc PM5313 Datasheet HTML 132Page - PMC-Sierra, Inc PM5313 Datasheet HTML 133Page - PMC-Sierra, Inc PM5313 Datasheet HTML 134Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
98
Pin Name
Type
Pin
No.
Function
CSB
Input
C7
The active low chip select (CSB) signal is low
during SPECTRA-622 register accesses.
Note that when not being used, CSB must be tied
low. If CSB is not required (i.e. register accesses
controlled using the RDB and WRB signals only),
CSB must be connected to an inverted version of
the RSTB input.
RDB/
Input
B6
The active low read enable (RDB) signal is low
during a SPECTRA-622 read access. The
SPECTRA-622 drives the D[7:0] bus with the
contents of the addressed register while RDB and
CSB are low.
E
The active high external access signal (E) is set
high during SPECTRA-622 register access while in
Motorola bus mode.
WRB/
Input
C6
The active low write strobe (WRB) signal is low
during a SPECTRA-622 register write access. The
D[7:0] bus contents are clocked into the addressed
register on the rising WRB edge while CSB is low.
RWB
The read/write select signal (RWB) selects between
SPECTRA-622 register read and write accesses
while in Motorola bus mode. The SPECTRA-622
drives the data bus D[7:0] with the contents of the
addressed register while CSB is low and RWB and
E are high. The contents of D[7:0] are clocked into
the addressed register on the falling E edge while
CSB and RWB are low.
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
I/O
C12
D12
E12
B11
C11
D11
A10
B10
The bi-directional data bus, D[7:0], is used during
SPECTRA-622 read and write accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com