Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 134 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 134 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 130Page - PMC-Sierra, Inc PM5313 Datasheet HTML 131Page - PMC-Sierra, Inc PM5313 Datasheet HTML 132Page - PMC-Sierra, Inc PM5313 Datasheet HTML 133Page - PMC-Sierra, Inc PM5313 Datasheet HTML 134Page - PMC-Sierra, Inc PM5313 Datasheet HTML 135Page - PMC-Sierra, Inc PM5313 Datasheet HTML 136Page - PMC-Sierra, Inc PM5313 Datasheet HTML 137Page - PMC-Sierra, Inc PM5313 Datasheet HTML 138Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
102
10.17 Power and Ground
Pin Name
Pin
Type
PIN
No.
Function
VBIAS[0]
VBIAS[1]
Bias
Voltage
AK28
E6
Digital input biases (VBIAS). When tied to +5V, the
VBIAS inputs are used to bias the wells of the
digital inputs so that the pads can tolerate 5V on
their inputs without forward biasing internal ESD
protection devices. When VBIAS are tied to +3.3V,
the digital inputs will only tolerate 3.3V level
voltages. Refer to the notes at the end of this
section for a list of digital input pins which are not
5V tolerant.
PBIAS[0]
PBIAS[1]
PBIAS[2]
PBIAS[3]
Bias
Voltage
R4
Y4
M5
W4
PECL input biases (PBIAS). When tied to +5V, the
PBIAS inputs are used to bias the wells in the
PECL inputs and output so that the pads can
tolerate 5V without forward biasing internal ESD
protection devices. When the PBIAS inputs are tied
to +3.3V, the pads will only tolerate 3.3V level
voltages.
Please see the Operation section for detailed
information.
QAVD[0]
QAVD[1]
Analog
Power
L4
V3
The quiet power (QAVD) pins for the analog core.
QAVD should be connected to well-decoupled
analog +3.3V supply.
Please see the Operation section for detailed
information.
QAVS[0]
QAVS[1]
Analog
Ground
K1
V4
The quiet ground (QAVS) pins for the analog core.
QAVS should be connected to analog ground of the
QAVD supply.
Please see the Operation section for detailed
information.
VDD
Digital
Power
The digital power (VDD) pins should be connected to a
well-decoupled +3.3 V digital power supply. Total of 48.
A1, A31, B2, B30, C3, C4, C16, C28, C29, D3, D4, D16,
D28, D29, E5, E11, E16, E21, E27, L5, L27, T3, T4, T5,
T27, T28, T29, AA5, AA27, AG5, AG11, AG16, AG21,
AG27, AH3, AH4, AH16, AH28, AH29, AJ3, AJ4, AJ16,
AJ28, AJ29, AK2, AK30, AL1, AL31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com