Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 132 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 132 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 128Page - PMC-Sierra, Inc PM5313 Datasheet HTML 129Page - PMC-Sierra, Inc PM5313 Datasheet HTML 130Page - PMC-Sierra, Inc PM5313 Datasheet HTML 131Page - PMC-Sierra, Inc PM5313 Datasheet HTML 132Page - PMC-Sierra, Inc PM5313 Datasheet HTML 133Page - PMC-Sierra, Inc PM5313 Datasheet HTML 134Page - PMC-Sierra, Inc PM5313 Datasheet HTML 135Page - PMC-Sierra, Inc PM5313 Datasheet HTML 136Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
100
10.15 Analog Miscellaneous Signals
Pin Name
Type
Pin
No.
Function
TDREF0
TDREF1
Analog
N1
P5
The transmit data reference (TDREF0 and
TDREF1) analog pins are provided to create
calibrated currents for the PECL output transceivers
TXD+/-. A 2 Kohm, 1% resistor is connected across
TDREF0 and TDREF1 pins.
C0
C1
Analog
V2
V1
The analog C0 and C1 pins are provided to optimize
the SPECTRA-622 for jitter transfer applications. To
optimize the SPECTRA-622 for jitter transfer
applications, a 47 nF non-polarized capacitor must
be attached across C0 and C1 and the RTYPE bit in
the CRSI Control register must be set to logic one.
To optimize the SPECTRA-622 for jitter tolerance
applications (if jitter transfer is not needed), the C0
and C1 pins must not be connected and the RTYPE
bit in the CRSI Control register must be set to logic
zero.
ATP[0]
ATP[1]
Analog
L3
L2
Two analog test ports (ATP0, ATP1) are provided for
production testing only. These pins must be tied to
analog ground (AVS) during normal operation.
PREFEN
Input
G3
The differential PECL reference enable (PREFEN)
allows the bias voltage of the PECL outputs to be
controlled by the PECLREF input. When PREFEN
is set high, the bias voltage of the PECL outputs is
set by the PECLREF input. When PREFEN is set
low, the PECLREF input is ignored and the bias
voltage is set by the internal bandgap generator.
This PIN should be tied to ground (VSS) during
normal operation.
PECLREF
Analog
R2
The differential PECL reference (PECLREF) sets
the bias voltage of the PECL output logic. When
PREFEN is set high, the PECLREF voltage controls
the bias voltage of the PECL outputs. When
PREFEN is set low, the PECLREF input is ignored
and the bias voltage is set by the internal bandgap
generator.
This PIN should be tied to analog ground (AVS)
during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com