Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 133 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 133 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 129Page - PMC-Sierra, Inc PM5313 Datasheet HTML 130Page - PMC-Sierra, Inc PM5313 Datasheet HTML 131Page - PMC-Sierra, Inc PM5313 Datasheet HTML 132Page - PMC-Sierra, Inc PM5313 Datasheet HTML 133Page - PMC-Sierra, Inc PM5313 Datasheet HTML 134Page - PMC-Sierra, Inc PM5313 Datasheet HTML 135Page - PMC-Sierra, Inc PM5313 Datasheet HTML 136Page - PMC-Sierra, Inc PM5313 Datasheet HTML 137Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
101
10.16 JTAG Test Access Port (TAP) Signals
Pin Name
Type
Pin
No.
Function
TCK
Input
B4
The test clock (TCK) signal provides timing for test
operations that can be carried out using the IEEE
P1149.1 test access port.
TMS
Input
D5
The test mode select (TMS) signal controls the test
operations that can be carried out using the IEEE
P1149.1 test access port. TMS is sampled on the
rising edge of TCK. TMS has an integral pull up
resistor.
TDI
Input
B5
When the SPECTRA-622 is configured for JTAG
operation, the test data input (TDI) signal carries
test data into the SPECTRA-622 via the IEEE
P1149.1 test access port. TDI is sampled on the
rising edge of TCK.
TDI has an integral pull up resistor.
TDO
Tristate
Output
C5
The test data output (TDO) signal carries test data
out of the SPECTRA-622 via the IEEE P1149.1 test
access port. TDO is updated on the falling edge of
TCK. TDO is a tri-state output which is inactive
except when scanning of data is in progress.
TRSTB
Schmidt
TTL
Input
A5
The active low test reset (TRSTB) signal provides
an asynchronous SPECTRA-622 test access port
reset via the IEEE P1149.1 test access port.
TRSTB is a Schmidt triggered input with an integral
pull up resistor. In the event that TRSTB is not
used, it must be connected to RSTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com