Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 136 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 136 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 132Page - PMC-Sierra, Inc PM5313 Datasheet HTML 133Page - PMC-Sierra, Inc PM5313 Datasheet HTML 134Page - PMC-Sierra, Inc PM5313 Datasheet HTML 135Page - PMC-Sierra, Inc PM5313 Datasheet HTML 136Page - PMC-Sierra, Inc PM5313 Datasheet HTML 137Page - PMC-Sierra, Inc PM5313 Datasheet HTML 138Page - PMC-Sierra, Inc PM5313 Datasheet HTML 139Page - PMC-Sierra, Inc PM5313 Datasheet HTML 140Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
104
Pin Name
Pin
Type
PIN
No.
Function
AVS[0]
AVS[1]
AVS[2]
AVS[3]
AVS[4]
AVS[5]
AVS[6]
AVS[7]
AVS[8]
AVS[9]
AVS[10]
AVS[11]
AVS[12]
AVS[13]
AVS[14]
AVS[15]
AVS[16]
AVS[17]
AVS[18]
Analog
Ground
The analog ground (AVS) pins for the analog core. The AVS
pins should be connected to the analog ground of the
analog power supply.
Please see the Operation section for detailed information.
AA3, AB2, AC1, AC2,U4, AC3, AD1, AD2, J3, H1, J5 , K4,
J1, N5, N4, Y3, V5, P4, R5
SAVS[0]
SAVS[1]
SAVS[2]
SAVS[3]
SAVS[4]
SAVS[5]
SAVS[6]
SAVS[7]
Analog
Ground
The shielding analog ground (SAVS) pins for the analog I/O
pins. The SAVS pins should be connected to the analog
ground of the analog power supply. These pins are for
shielding purposes only and do not sink any current.
Please see the Operation section for detailed information.
K2, N3, R3, R1, U1, Y5, AA4, AB3
Notes on Pin Description:
1. All SPECTRA-622 inputs and bidirectionals present minimum capacitive
loading and operate at TTL logic levels except: the SD, REFCLK+/-, RXD+/-,
and RRCLK+/- inputs which operate at pseudo-ECL (PECL) logic levels.
2. The SPECTRA-622 digital outputs and bidirectionals which have 2 mA drive
capability are: D[7:0], B3E, INTB, LAIS/RRCPDAT, LOF, LOS/RRCPCLK,
RAD, RALM, RLD, RLDCLK, RLOW, ROH, ROHCLK, ROWCLK, RPOH,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com