Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 137 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 137 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 133Page - PMC-Sierra, Inc PM5313 Datasheet HTML 134Page - PMC-Sierra, Inc PM5313 Datasheet HTML 135Page - PMC-Sierra, Inc PM5313 Datasheet HTML 136Page - PMC-Sierra, Inc PM5313 Datasheet HTML 137Page - PMC-Sierra, Inc PM5313 Datasheet HTML 138Page - PMC-Sierra, Inc PM5313 Datasheet HTML 139Page - PMC-Sierra, Inc PM5313 Datasheet HTML 140Page - PMC-Sierra, Inc PM5313 Datasheet HTML 141Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
105
RPOHCLK, RPOHEN, RPOHFP, RSLD, RSLDCLK, RSOW, RSUC, RTOH,
RTOHCLK, RTOHFP, SALM, SCPO[1:0], TDO.
The SPECTRA-622 digital outputs and bidirectionals which have 4 mA drive
capability are: DS3RDAT[12:1], DS3ROCLK[12:1], TLDCLK, TOHCLK,
TOWCLK, TPOHCLK, TPOHFP, TPOHRDY, TSLDCLK, TTOHCLK, TTOHFP,
OOF, RFPO, TFP.
The SPECTRA-622 digital outputs and bidirectionals which have 6 mA drive
capability are: DC1JV1[4:1], DD[31:0], DDP[4:1], DPL[4:1], PGMRCLK,
PGMTCLK, RCLK, TC1J1V1/TFPO, TCLK, TD[7:0], TDP, TPL.
3. The SPECTRA-622 digital outputs which are not 5 volt tolerant are:
DC1JV1[4:1], DD[31:0], DDP[4:1], DPL[4:1], PGMRCLK, PGMTCLK, RCLK,
TC1J1V1/TFPO, TCLK, TD[7:0], TDP, TPL. All other outputs and inputs are 5
volt tolerant.
4. Inputs ALE, MBEB, RSTB, SCPI[3:0], TMS, TDI and TRSTB have internal
pull-up resistors.
5. The differential pseudo-ECL inputs and outputs should be terminated in a
passive network and interface at PECL levels as described in the Operations
section.
6. It is mandatory that every digital ground pin (VSS) be connected to the printed
circuit board ground plane to ensure reliable device operation.
7. It is mandatory that every digital power pin (VDD) be connected to the printed
circuit board power plane to ensure reliable device operation.
8. All analog power and ground pins can be sensitive to noise. They must be
isolated from the digital power and ground. Care must be taken to correctly
decouple these pins. Please refer to the Operations sections.
9. Due to ESD protection structures in the pads it is necessary to exercise
caution when powering a device up or down. ESD protection devices behave
as diodes between power supply pins and from I/O pins to power supply pins.
Under extreme conditions it is possible to damage these ESD protection
devices or trigger latch up. Please adhere to the recommended power supply
sequencing as described in the Operation section of this document.Do not
exceed 100 mA of current on any pin during the power-up or power-down
sequence. Refer to the Power Sequencing description in the Operations
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com