Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 141 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 141 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 137Page - PMC-Sierra, Inc PM5313 Datasheet HTML 138Page - PMC-Sierra, Inc PM5313 Datasheet HTML 139Page - PMC-Sierra, Inc PM5313 Datasheet HTML 140Page - PMC-Sierra, Inc PM5313 Datasheet HTML 141Page - PMC-Sierra, Inc PM5313 Datasheet HTML 142Page - PMC-Sierra, Inc PM5313 Datasheet HTML 143Page - PMC-Sierra, Inc PM5313 Datasheet HTML 144Page - PMC-Sierra, Inc PM5313 Datasheet HTML 145Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
109
11.1.2 Serial to Parallel Converter
The Serial to Parallel Converter (SIPO) converts the received bit serial
SONET/SDH stream to a byte serial stream. The SIPO searches for the
SONET/SDH framing pattern (A1, A2) in the incoming stream, and performs
serial to parallel conversion on octet boundaries.
While out of frame, the CRSI-622 block monitors the receive bit-serial STS-12
(STM-4) data stream for an occurrence of the framing pattern (A1, A2). The
CRSI-622 adjusts its byte alignment of the serial-to-parallel converter when three
consecutive A1 bytes followed by three consecutive A2 bytes occur in the data
stream. The CRSI-622 informs the RSOP Framer block when the framing pattern
has been detected to reinitialize the RSOP to the new frame alignment. While in
frame, the CRSI-622 maintains the byte alignment of the serial-to-parallel
converter until RSOP declares out of frame.
11.2 Receive Section Overhead Processor (RSOP)
The Receive Section Overhead Processor (RSOP) block processes the section
overhead (regenerator section) of the receive STS-12 (STM-4) stream.
The RSOP block optionally descrambles the received data and extracts the data
communication channel, order wire channel and user channel from the section
overhead, and provides them in gapped overhead mode as lower rate bit serial
outputs (RSLD, RSOW, RSUC) together with associated clock signals
(RSLDCLK, and ROWCLK). The complete descrambled SONET/SDH data
stream is output by the RSOP in byte serial format. Line AIS is inserted in the
receive data stream using input RLAIS or, optionally, automatically when
loss-of-signal, loss-of-frame, section trace or loss-of-signal events occur. The
automatic insertion of receive line AIS is controlled by the SPECTRA-622
Receive Line AIS Control Register.
Out-of-frame (OOF), loss-of-frame (LOF), and loss-of-signal (LOS) state outputs
are provided and section level bit-interleaved parity errors are accumulated. A
maskable interrupt is activated by state transitions on the SALM, LOF, or LOS
outputs, or by a single B1 error event. Microprocessor readable registers are
provided that allow accumulated B1 errors to be read out at intervals of up to one
second duration.
The RSOP block frames to the data stream by operating with an upstream
pattern detector (the Serial to Parallel Converter block) that searches for
occurrences of the framing pattern (A1, A2) in the bit serial data stream. Once the
serial to parallel converter has found byte alignment, the RSOP block monitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com