Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 142 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 142 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 138Page - PMC-Sierra, Inc PM5313 Datasheet HTML 139Page - PMC-Sierra, Inc PM5313 Datasheet HTML 140Page - PMC-Sierra, Inc PM5313 Datasheet HTML 141Page - PMC-Sierra, Inc PM5313 Datasheet HTML 142Page - PMC-Sierra, Inc PM5313 Datasheet HTML 143Page - PMC-Sierra, Inc PM5313 Datasheet HTML 144Page - PMC-Sierra, Inc PM5313 Datasheet HTML 145Page - PMC-Sierra, Inc PM5313 Datasheet HTML 146Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
110
for the next occurrence of the framing pattern 125µs later. The block declares
frame alignment when either all A1 and A2 bytes are seen error-free or when only
the first A1 byte and the first four bits of the last A2 byte are seen error-free. The
first algorithm examines 24 bytes of A1 and A2 in the STS-12 (STM-4) stream.
The second algorithm examines only the first occurrence of A1 and the first four
bits of the last occurrence of A2 in the sequence. Once in frame, the RSOP block
monitors the framing pattern sequence and declares OOF when one or more bit
errors in each framing pattern are detected for four consecutive frames. Again,
depending upon the algorithm either 24 framing bytes are examined for bit errors
in each frame, or only the A1 byte and the first four bits of the last A2 byte (i.e. 12
bits total) are examined for bit errors in each frame.
The performance of these framing algorithms in the presence of bit errors and
random data is robust. When looking for frame alignment the performance of
each algorithm is dominated by the alignment algorithm used in the serial to
parallel converter which always examines all framing bits. The probability of
falsely framing to random data is less than 0.00001% for either algorithm. Once
in frame alignment, the SPECTRA-622 continuously monitors the framing
pattern. When the incoming stream contains a 10-3 BER, the first algorithm
provides a 99.75% probability that the mean time between OOF occurrences is
1.3 seconds in STS-12 (STM-4) SONET/SDH mode. The second algorithm
provides a 99.75% probability that the mean time between OOF occurrences is 7
minutes.
When the parallel line interface PIN is used and upstream circuitry monitors the
receive stream for an occurrence of the framing pattern while out-of-frame, the
upstream circuitry is expected to pulse input FPIN when a framing pattern has
been detected. RSOP monitors the receive data stream on PIN for the framing
pattern as before. Once in frame, RSOP monitors the framing pattern sequence
and sets the OOF pin when one or more bit errors in each framing pattern are
detected for four consecutive frames.
The parallel line interface can also be used without the use of FPIN. The receive
interface will frame to the parallel stream itself and function as in serial recovery
mode.
The RSOP block provides descrambled data and frame alignment indication
signals for use by the Receive Line Overhead Processor.
11.3 Receive Section Trace Buffer (SSTB)
In mode 1 operation, the receive portion of the SONET/SDH Section Trace Buffer
(SSTB) captures the received section trace identifier message (J0 byte) into
microprocessor readable registers. It contains three pages of trace message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com