Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 143 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 143 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 139Page - PMC-Sierra, Inc PM5313 Datasheet HTML 140Page - PMC-Sierra, Inc PM5313 Datasheet HTML 141Page - PMC-Sierra, Inc PM5313 Datasheet HTML 142Page - PMC-Sierra, Inc PM5313 Datasheet HTML 143Page - PMC-Sierra, Inc PM5313 Datasheet HTML 144Page - PMC-Sierra, Inc PM5313 Datasheet HTML 145Page - PMC-Sierra, Inc PM5313 Datasheet HTML 146Page - PMC-Sierra, Inc PM5313 Datasheet HTML 147Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
111
memory. They are the capture page, the accepted page and the expected page.
Section trace identifier data bytes from the receive stream are written into the
capture page. The expected identifier message is downloaded by the
microprocessor into the expected page. On receipt of a trace identifier byte, it is
written into next location in the capture page. The received byte is compared with
the data from the previous message in the capture page. An identifier message is
accepted if it is received unchanged three times, or optionally, five times. The
accepted message is then compared with the expected message. If enabled, an
interrupt is generated when the accepted message changes from matching to
mismatching the expected message and vice versa. If the current message
differs from the previous message for eight consecutive messages, the received
message is declared unstable. The received message is declared stable when
the received message passes the persistency criterion (three or five identical
receptions) for being accepted. An interrupt may be optionally generated on entry
to and exit from the unstable state. Optionally, line AIS may be inserted in the
received stream when the receive message is in the mismatched or unstable
state.
The length of the section trace identifier message is selectable between 16 bytes
and 64 bytes. When programmed for 16 byte messages, the section trace buffer
synchronizes to the byte with the most significant bit set to high and places the
byte at the first location in the capture page. When programmed for 64 byte
messages, the section trace buffer synchronizes to the trailing carriage return
(CR = 0DH), line feed (LF = 0AH) sequence and places the next byte at the head
of the capture page. This enables the section trace message to be appropriately
aligned for interpretation by the microprocessor. Synchronization may be
disabled, in which case, the memory acts as a circular buffer.
In addition, mode 2 section trace identifier operation is supported. For mode 2
support, a stable message is declared when forty eight of the same section trace
identifier message (J0) bytes are received. Once in the stable state, an unstable
state is declared when one or more errors are detected in three consecutive
sixteen byte windows.
If the section trace synchronization is disabled, the trace identifier mismatch and
trace identifier unstable alarms are invalid, and may cause spurious interrupts.
11.4 Receive Line Overhead Processor (RLOP)
The Receive Line Overhead Processor block (RLOP) processes the line
overhead (multiplexer section) of the receive STS-12 (STM-4) stream.
The SONET/SDH frame alignment is indicated by the Receive Section Overhead
Processor. The RLOP extracts the line data communication channel, line order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com