Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 144 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 144 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 140Page - PMC-Sierra, Inc PM5313 Datasheet HTML 141Page - PMC-Sierra, Inc PM5313 Datasheet HTML 142Page - PMC-Sierra, Inc PM5313 Datasheet HTML 143Page - PMC-Sierra, Inc PM5313 Datasheet HTML 144Page - PMC-Sierra, Inc PM5313 Datasheet HTML 145Page - PMC-Sierra, Inc PM5313 Datasheet HTML 146Page - PMC-Sierra, Inc PM5313 Datasheet HTML 147Page - PMC-Sierra, Inc PM5313 Datasheet HTML 148Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
112
wire channel and automatic protection switch channel from the line overhead,
and provides them in gapped overhead mode as lower rate bit serial outputs
(RLD, RLOW, ROH) together with associated clock signals (RLDCLK, ROWCLK,
ROHCLK). Line AIS is declared when the bit pattern 111 is observed in bits 6, 7,
and 8 of the K2 byte for three or five consecutive frames. Line AIS is removed
when any pattern other than 111 is observed for three or five consecutive frames.
Line RDI is declared when the bit pattern 110 is observed in bits 6, 7, and 8 of the
K2 byte for three or five consecutive frames. Line RDI is removed when any
pattern other than 110 is observed for three or five consecutive frames.
The automatic protection switch bytes (K1, K2) are also extracted into the RASE
Receive K1 Register and the RASE Receive K2 Register. The bytes are filtered
for three frames before being written to these registers. A protection switching
byte failure alarm is declared when twelve successive frames have been
received, where no three consecutive frames contain identical K1 bytes. The
protection switching byte failure alarm is removed upon detection of three
consecutive frames containing identical K1 bytes. The detection of invalid APS
codes is done in software by polling the RASE Receive K1/K2 Registers
The line level bit-interleaved parity (B2) is computed, and compared to the
received B2 bytes. Line BIP-8 errors are accumulated in an internal counter.
Registers are provided that allow accumulated line BIP-8 errors to be read out at
intervals of up to one second duration.
Signal fail (SF) and signal degrade (SD) threshold crossing alarms are detected
and indicated using internal register bits. The bit error rates associated with the
SF and SD alarms are programmable over a range of 10-3 to 10-9 (See Section
14.5, Bit Error Rate Monitor, for details). The Receive APS, Synchronization
Extractor and Bit Error (RASE) block extracts the Automatic Protection Switch
(APS) bytes (K1 and K2), extracts the Synchronization Status byte (Z1/S1), and
processes the Line BIP-8 (B2) events.
The received line BIP-8 error detection code (B2) byte is based on the line
overhead and SPE of the receive stream. The line BIP code is a bit interleaved
parity calculation using even parity, and the calculated BIP code is compared with
the BIP code extracted from the B2 bytes of the following frame. Any differences
indicate that a line layer bit error has occurred. Up to 768000 (96 BIP/frame x
8000 frames/second) bit errors can be detected per second for STS-12 (STM-4)
rate.
The line remote error indication (REI) byte (M1) is extracted and accumulated in
an internal counter. Registers are provided that allow accumulated line REI
events to be read out at intervals of up to one second duration. Bits 2 through 8
of the Z2/M1 byte are used for the line REI function. For STS-12 (STM-4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com