Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 148 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 148 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 144Page - PMC-Sierra, Inc PM5313 Datasheet HTML 145Page - PMC-Sierra, Inc PM5313 Datasheet HTML 146Page - PMC-Sierra, Inc PM5313 Datasheet HTML 147Page - PMC-Sierra, Inc PM5313 Datasheet HTML 148Page - PMC-Sierra, Inc PM5313 Datasheet HTML 149Page - PMC-Sierra, Inc PM5313 Datasheet HTML 150Page - PMC-Sierra, Inc PM5313 Datasheet HTML 151Page - PMC-Sierra, Inc PM5313 Datasheet HTML 152Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
116
the PRBS generator in each of the three RPPS’s required to process the
concatenated stream will generate one third (1 in 3) of the PRBS payload
sequence. A complete PRBS payload sequence is produced when these three
partial sequences are byte interleaved. The PRBS generator in the master RPPS
co-ordinates the PRBS generation by itself and by its counterparts in the two
slave RPPS’s.
Similarly for an STS-12c (STM-4-4c) stream, the PRBS generator in the master
RPPS will co-ordinate the distributed PRBS generation by the PRBS generators
in the twelve RPPS’s required to process this concatenated stream. Each PRBS
generator will generate one twelfth (1 in 12) of the complete PRBS payload
sequence.
When enabled, the PRBS monitor of an RPPS will synchronize to the receive
payload sequence in an STS-1 (STM-0/AU3) or equivalent stream. If it is
successful in finding the pseudo-random sequence then pattern errors detected
will be accumulated in the corresponding error counter of each slice. For an STS-
3c (STM-1/AU4) stream, the PRBS monitor in each of the three RPPS’s required
to process the concatenated stream will independently validate one third (1 in 3)
of the PRBS payload sequence. For an STS-12c (STM-4-4c) stream, the PRBS
monitor in each of the twelve RPPS’s will validate one twelfth (1 in 12) of the
PRBS payload sequence. The total number of errors for a STS-3c or STS-12c is
representated by the sum of the master slice error count and of all its slave.
11.7.1 Receive Path Overhead Processor (RPOP)
The Receive Path Overhead Processor (RPOP) provides pointer interpretation,
extraction of path overhead, extraction of the synchronous payload envelope
(virtual container), and path level alarm and performance monitoring.
11.7.1.1
Pointer Interpreter
The Pointer Interpreter interprets the incoming pointer (H1, H2) as specified in
the references. The pointer value is used to determine the location of the path
overhead (the J1 byte) in an STS-1 (STM-0/AU3) or equivalent stream. The
algorithm can be modeled by a finite state machine. Within the pointer
interpretation algorithm three states are defined as shown below:
NORM_state (NORM)
AIS_state (AIS)
LOP_state (LOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com