Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 152 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 152 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 148Page - PMC-Sierra, Inc PM5313 Datasheet HTML 149Page - PMC-Sierra, Inc PM5313 Datasheet HTML 150Page - PMC-Sierra, Inc PM5313 Datasheet HTML 151Page - PMC-Sierra, Inc PM5313 Datasheet HTML 152Page - PMC-Sierra, Inc PM5313 Datasheet HTML 153Page - PMC-Sierra, Inc PM5313 Datasheet HTML 154Page - PMC-Sierra, Inc PM5313 Datasheet HTML 155Page - PMC-Sierra, Inc PM5313 Datasheet HTML 156Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
120
Note 3
all three offset values received in 3 x eq_new_point must be
identical.
Note 4
"consecutive event counters" are reset to zero on a change
of state except for consecutive NDF count.
The Pointer Interpreter detects loss of pointer (LOP) in an STS-1 (STM-0/AU3)
stream. LOP is declared on entry to the LOP_state as a result of eight
consecutive invalid pointers or eight consecutive NDF enabled indications. Path
AIS is optionally inserted in the DROP bus when LOP is declared. The alarm
condition is reported in the receive alarm port and is optionally returned to the
source node by signaling the corresponding Transmit Path Overhead Processor
in the local SPECTRA-622 to insert a path RDI indication. The Pointer Interpreter
detects path AIS in an STS-1 (STM-0/AU3) stream. PAIS is declared on entry to
the AIS_state after three consecutive AIS indications. Path AIS is inserted in the
DROP bus when AIS is declared. The alarm condition reported in the receive
alarm port and is optionally returned to the source node by signaling the
corresponding Transmit Path Overhead Processor in the local SPECTRA-622 to
insert a path RDI indication. The Pointer Interpreter detects loss of pointer –
concatenated (LOPC) in an equivalent STS-1 (STM-0/AU3) stream. This alarm
should be disabled for a RPOP operating in a master RPPS. LOPC is declared
on entry to the LOPC_state as a result of eight consecutive pointers with values
other than concatenation indications (‘b1001 xx 1111111111). Path AIS is
optionally inserted in the DROP bus when LOPC is declared. The alarm condition
is reported in the receive alarm port and is optionally returned to the source node
by signaling the corresponding Transmit Path Overhead Processor in the local
SPECTRA-622 to insert a path RDI indication.
The Pointer Interpreter detects path AIS – concatenated (PAISC) in an equivalent
STS-1 (STM-0/AU3) stream. This alarm should be disabled for a RPOP operating
in a master RPPS. PAISC is declared on entry to the AISC_state after three
consecutive AIS indications. Path AIS is optionally inserted in the DROP bus
when AISC is declared. The alarm condition reported in the receive alarm port
and is optionally returned to the source node by signaling the corresponding
Transmit Path Overhead Processor in the local SPECTRA-622 to insert a path
RDI indication.
Invalid pointer indications (inv_point), invalid NDF codes, new pointer indications
(new_point), discontinuous change of pointer alignment, and illegal pointer
changes are also detected and reported by the Pointer Interpreter block via
register bits. An invalid NDF code is any NDF code that does not match the NDF
enabled or NDF disabled definitions. The third occurrence of equal new_point
indications (3 x eq_new_point) is reported as a discontinuous change of pointer
alignment event (DISCOPA) instead of a new pointer event and the active offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com