Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 151 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 151 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 147Page - PMC-Sierra, Inc PM5313 Datasheet HTML 148Page - PMC-Sierra, Inc PM5313 Datasheet HTML 149Page - PMC-Sierra, Inc PM5313 Datasheet HTML 150Page - PMC-Sierra, Inc PM5313 Datasheet HTML 151Page - PMC-Sierra, Inc PM5313 Datasheet HTML 152Page - PMC-Sierra, Inc PM5313 Datasheet HTML 153Page - PMC-Sierra, Inc PM5313 Datasheet HTML 154Page - PMC-Sierra, Inc PM5313 Datasheet HTML 155Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
119
Note 9
LOP is not declared if all the following conditions exist:
the received pointer is out of range (>782),
the received pointer is static,
the received pointer can be interpreted, according to majority
voting on the I and D bits, as a positive or negative
justification indication,
after making the requested justification, the received pointer
continues to be interpretable as a pointer justification.
When the received pointer returns to an in-range value, the
SPECTRA-622 will interpret it correctly.
Note 10
LOP will exit at the third frame of a three frame sequence
consisting of one frame with NDF enabled followed by two
frames with NDF disabled, if all three pointers have the
same legal value.
Note 11
For the purposes of 8xNDF_enable only, the requirement of
the pointer to be within the range of 0 to 782 may be
optionally disabled.
The transitions indicated in the state diagram are defined as follows:
inc_ind/dec_ind:
offset adjustment (increment or decrement indication)
3 x eq_new_point: three consecutive equal new_point indications
NDF_enable:
single NDF_enable indication
3 x AIS_ind:
three consecutive AIS indications
8 x inv_point:
eight consecutive inv_point indications
8 x NDF_enable
eight consecutive NDF_enable indications
Note 1
the transitions from NORM_state to NORM_state do not
represent state changes but imply offset changes.
Note 2
3 x new_point takes precedence over 8 x inv_point and
resets the inv_point counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com