Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 155 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 155 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 151Page - PMC-Sierra, Inc PM5313 Datasheet HTML 152Page - PMC-Sierra, Inc PM5313 Datasheet HTML 153Page - PMC-Sierra, Inc PM5313 Datasheet HTML 154Page - PMC-Sierra, Inc PM5313 Datasheet HTML 155Page - PMC-Sierra, Inc PM5313 Datasheet HTML 156Page - PMC-Sierra, Inc PM5313 Datasheet HTML 157Page - PMC-Sierra, Inc PM5313 Datasheet HTML 158Page - PMC-Sierra, Inc PM5313 Datasheet HTML 159Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
123
in the DROP bus when the receive message is in the mismatched or unstable
state.
The length of the path trace identifier message is selectable between 16 bytes
and 64 bytes. When programmed for 16 byte messages, the SPTB synchronizes
to the byte with the most significant bit set to high and places the byte at the first
location in the capture page. When programmed for 64 byte messages, the
SPTB synchronizes to the trailing carriage return (CR = 0DH), line feed (LF =
0AH) sequence and places the next byte at the head of the capture page. This
enables the path trace message to be appropriately aligned for interpretation by
the microprocessor. Synchronization may be disabled, in which case, the
memory acts as a circular buffer.
In addition, mode 2 path trace identifier operation is supported. For mode 2
support, a stable message is declared when forty eight of the same section trace
identifier message (J1) bytes are received. Once in the stable state, an unstable
state is declared when one or more errors are detected in three consecutive
sixteen byte windows.
The path signal label (PSL) found in the path overhead byte (C2) is processed.
Two detection algorithms are implemented for the declaration of path signal label
mismatch. In mode 1, an incoming PSL is accepted when it is received
unchanged for five consecutive frames. The accepted PSL is compared with the
provisioned value. The PSL match/mismatch state is determined as follows:
Table 1
Path Signal Label match/mismatch state table.
Expected PSL
Accepted PSL
PSLM State
00
00
Match
00
01
Mismatch
00
X
≠ 00
Mismatch
01
00
Mismatch
01
01
Match
01
X
≠ 01
Match
X
≠ 00, 01
00
Mismatch
X
≠ 00, 01
01
Match
X
≠ 00, 01
XMatch
X
≠ 00, 01
YMismatch
Each time an incoming PSL differs from the one in the previous frame, the PSL
unstable counter is incremented. Thus, a single bit error in the PSL in a
sequence of constant PSL values will cause the counter to increment twice, once



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com