Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 156 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 156 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 152Page - PMC-Sierra, Inc PM5313 Datasheet HTML 153Page - PMC-Sierra, Inc PM5313 Datasheet HTML 154Page - PMC-Sierra, Inc PM5313 Datasheet HTML 155Page - PMC-Sierra, Inc PM5313 Datasheet HTML 156Page - PMC-Sierra, Inc PM5313 Datasheet HTML 157Page - PMC-Sierra, Inc PM5313 Datasheet HTML 158Page - PMC-Sierra, Inc PM5313 Datasheet HTML 159Page - PMC-Sierra, Inc PM5313 Datasheet HTML 160Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
124
on the errored PSL and again on the first error-free PSL. The incoming PSL is
considered unstable, when the counter reaches five. The counter is cleared when
the same PSL is received for five consecutive frames.
In mode2, the receive path signal mismatch alarm (PSLM) is declared based on
the declaration of a match or mismatch between the received label and the
expected label. The mismatch is set when 5 consecutive mismatches are
declared. The mismatch is cleared when 5 consecutive matches are declared.
Table 2 shows the Match/Mismatch and Unequipped declarations made to the
different received and expected labels.
Table 2
PSL Mode 2 Match, Mismatch and Unequipped
Expect
Receive
Action
00
00
Unequipped
00
01
Mismatch
00
XX
Mismatch
01
00
Unequipped
01
01
Match
01
XX
Match
XX
00
Unequipped
XX
01
Match
XX
XX
Match
XX
YY
Mismatch
Note:
XX = anything except 00H or 01H
YY = anything except 00H or 01H
(XX not equal YY).
The Unequipped (UNEQ) alarm is decallared based on the unequipped
declaration. UNEQ is set high when 5 consecutive Unequipped are declared.
UNEQ is set low when 5 consecutive Match or Mismatch are declared. The
UNEQ and PSLM alarms are mutually exclusive.
In normal operation, only the status of the SPTB in a master RPPS should be
monitored.
11.7.3 Receive Telecombus Aligner (RTAL)
The Receive Telecombus Aligner (RTAL) block takes the payload data from an
STS-1 (STM-0/AU3) or equivalent stream from the Receive Path Overhead
Processor. It aligns the frame of the received STS-1 (STM-0/AU3) or equivalent
stream to the frame of the DROP bus. The alignment is accomplished by
recalculating the STS (AU) payload pointer value based on the offset between
the transport overhead of the receive stream and that of the DROP bus. When
processing a concatenated stream, only the RTAL in the master RPPS will be
performing the pointer adjustment calculation. The RTAL’s in the slave RPPS’s
will follow the new alignment of the RTAL in the master RPPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com