Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 160 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 160 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 156Page - PMC-Sierra, Inc PM5313 Datasheet HTML 157Page - PMC-Sierra, Inc PM5313 Datasheet HTML 158Page - PMC-Sierra, Inc PM5313 Datasheet HTML 159Page - PMC-Sierra, Inc PM5313 Datasheet HTML 160Page - PMC-Sierra, Inc PM5313 Datasheet HTML 161Page - PMC-Sierra, Inc PM5313 Datasheet HTML 162Page - PMC-Sierra, Inc PM5313 Datasheet HTML 163Page - PMC-Sierra, Inc PM5313 Datasheet HTML 164Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
128
FO_discont:
frame offset discontinuity
PI_AIS:
PI in AIS state
PI_LOP:
PI in LOP state
PI_NORM:
PI in NORM state
Note 1
A frame offset discontinuity occurs if an incoming NDF
enabled is received, or if an ES overflow/underflow occurred.
The autonomous transitions indicated in the state diagram are defined as follows:
inc_ind:
transmit the pointer with NDF disabled and inverted I bits,
transmit a stuff byte in the byte after H3, increment active
offset.
dec_ind:
transmit the pointer with NDF disabled and inverted D bits,
transmit a data byte in the H3 byte, decrement active offset.
NDF_enable:
accept new offset as active offset, transmit the pointer with
NDF enabled and new offset.
norm_point:
transmit the pointer with NDF disabled and active offset.
AIS_ind:
active offset is undefined, transmit an all-1's pointer and
payload.
Note 1
active offset is defined as the phase of the SPE (VC).
Note 2
the ss bits are undefined in SONET, and has bit pattern 10 in
SDH
Note 3
enabled NDF is defined as the bit pattern 1001.
Note 4
disabled NDF is defined as the bit pattern 0110.
When operating in a slave RPPS, the concatenation indications (‘b1001 xx
1111111111) will be generated in the pointer bytes (H1 and H2) when enabled in
the RPOP block.
11.7.3.3
Bypass
The RPPS can be put in bypass mode by setting the RESBYP of the DROP Bus
Configuration register (bit 4, register 0D30H). In this mode, all twelve slices are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com