Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 163 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 163 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 159Page - PMC-Sierra, Inc PM5313 Datasheet HTML 160Page - PMC-Sierra, Inc PM5313 Datasheet HTML 161Page - PMC-Sierra, Inc PM5313 Datasheet HTML 162Page - PMC-Sierra, Inc PM5313 Datasheet HTML 163Page - PMC-Sierra, Inc PM5313 Datasheet HTML 164Page - PMC-Sierra, Inc PM5313 Datasheet HTML 165Page - PMC-Sierra, Inc PM5313 Datasheet HTML 166Page - PMC-Sierra, Inc PM5313 Datasheet HTML 167Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
131
(STM-0/AU3) SPE and writes the bits into a 128 bit (16 byte) elastic store. Eight
bytes are provided for SONET/SDH overhead (3 bytes for TOH, 1 byte for a
positive stuff, 1 byte for POH) and DS3 reserve stuffing bits (2 bytes for R bits,
and 3 overhead bits which is rounded-up to 1 byte). The remaining 8 bytes are
provided for path pointer adjustments.
Data is read out of the Elastic Store using a divide by 8 version of the input
DS3RICLK clock. If an overflow or underflow condition occurs, an interrupt is
optionally asserted and the Elastic Store read and write address are reset to the
startup values (logically 180 degrees apart).
11.7.4.3
DS3 Desynchronizer
The Desynchronizer monitors the Elastic Store level to control the de-stuffing
algorithm to avoid overflow and underflow conditions. The Desynchronizer
assumes either a 51.84 MHz clock (provided internally from REFCLK) or a
44.928 MHz clock (provided via input DS3RICLK).
When using a 44.928 MHz DS3RICLK clock, the DS3 clock is generated using a
fixed 8 KHz interval. The 8KHz interval is subdivided into 9 rows. Each row
contains either 621 or 622 clock periods. The DS3RICLK contains 624 pulses at
72KHz (9*8KHZ). To generate 621 pulses, a gap pattern of 207 clocks + 1 clock
gap + 207 clocks + 1 clock gap + 207 clocks + 1 clock gap is used. To generate
622 pulses, a gap pattern of 207 clocks + 1 clock gap + 207 clocks + 1 clock gap
+ 208 clocks is used.
When using the internal 51.84 MHz clock, the DS3 clock, DS3ROCLK is
generated using similar gapping patterns. To generate 621 pulses per row, a
gapping pattern of 63 * (7 clocks + 1 clock gap) + 36 * (5 clocks + 1 clock gap) is
used. To generate 622 pulses per row, a gapping pattern of 63 * (7 clocks + 1
clock gap) + 35 * (5 clocks + 1 clock gap) + 6 clocks) is used.
The following table illustrates the gap patterns used to generate the
desynchronized clock, DS3ROCLK under the normal, DS3 AIS, faster and slower
status. The faster pattern is used to drain the elastic store to avoid overflows. The
slower pattern is used to allow the elastic store to fill to avoid underflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com