Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 166 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 166 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 162Page - PMC-Sierra, Inc PM5313 Datasheet HTML 163Page - PMC-Sierra, Inc PM5313 Datasheet HTML 164Page - PMC-Sierra, Inc PM5313 Datasheet HTML 165Page - PMC-Sierra, Inc PM5313 Datasheet HTML 166Page - PMC-Sierra, Inc PM5313 Datasheet HTML 167Page - PMC-Sierra, Inc PM5313 Datasheet HTML 168Page - PMC-Sierra, Inc PM5313 Datasheet HTML 169Page - PMC-Sierra, Inc PM5313 Datasheet HTML 170Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
134
DPGM. To ensure that all payload bytes (all STS-1 (STM-0/AU3) or equivalent
streams) in a concatenated stream together contain a single PRBS sequence,
the signature generation by the master DPGM and signature matching by the
slave DPGM monitors will be performed as described for the PRBS generation.
Individual DPGM can only declared that has synchronized to the receive PRBS
sequence when it has synchronized to its corresponding partial sequence and its
has detected no signature mis-match.
If the DFP aligment is changed, all the slices will be resynchronized to the new
frame pulse and the aligment of the PRBS sequence for concatenated payload
might be loss. The PRBS sequence thus need to be regenerated by setting the
GEN_REGEN bit of all the master slices. The signature analyzer interrupt
(GEN_SIGE) can be used to detect this condition.
To use the autonomous mode of the DPGM, the RPPS must not be put in bypass
mode, bit RESBYP of register 0D30H must not be set.
11.8 Transmit Path Processing Slice (TPPS)
The Transmit Path Processing Slice (TPPS) generates transport frame
alignment, inserts path overhead and synchronous payload envelope as well as
path level alarm signals and path BIP-8 (B3) for an STS-1 (STM-0/AU3) SPE
(VC3) or equivalent data stream from the ADD bus. Path trace identifier message
(J1 bytes) can also be inserted. Plesiochronous frequency offsets and phase
differences (due to normal network operation) between the ADD bus and the line
are accommodated by pointer adjustments in the transmit stream. The TPPS can
optionally interpret the pointer (H1, H2) and detects alarm conditions (e.g. PAIS)
in the STS-1 (STM-0/AU3) SPE (VC3) or equivalent data stream from the ADD
bus. The TPPS can also be configured to map a DS3 signal into the transmit
STS-1 (STM-0/AU3) stream. PRBS payload generation and monitoring is also
supported on a per STS (AU) basis.
Twelve TPPS’s (TPPS#1 to TPPS#12) are required to process the STS-12/12c
(STM-4/AU3/AU4/AU4-Xc) stream from the ADD bus. For an STS-12 consisting
of twelve STS-1 (STM-0/AU3) streams, individual TPPS’s will be independently
processing an STS-1 (STM-0/AU3) stream each. For an STS-12 consisting of
four STS-3/3c (STM-1/AU3/AU4) streams, the TPPS’s must be configured into
four groups with each group processing an STS-3/3c (STM-1/AU3/AU4) stream.
An STS-3 (STM-1/AU3) stream is processed as three independent STS-1 (STM-
0/AU3) streams by the individual TPPS’s in the group.
In processing an STS-3c (STM-1/AU4), the first STS-1 (STM-0/AU3) equivalent
stream will be processed by a TPPS (e.g. TPPS#1) configured as the master.
The master TPPS controls two slave TPPS’s (e.g. TPPS#5, TPPS#9) which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com