Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 169 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 169 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 165Page - PMC-Sierra, Inc PM5313 Datasheet HTML 166Page - PMC-Sierra, Inc PM5313 Datasheet HTML 167Page - PMC-Sierra, Inc PM5313 Datasheet HTML 168Page - PMC-Sierra, Inc PM5313 Datasheet HTML 169Page - PMC-Sierra, Inc PM5313 Datasheet HTML 170Page - PMC-Sierra, Inc PM5313 Datasheet HTML 171Page - PMC-Sierra, Inc PM5313 Datasheet HTML 172Page - PMC-Sierra, Inc PM5313 Datasheet HTML 173Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
137
(STM-0/AU3) SPE mapped payload capacity. The asynchronous DS3 mapping
consists of 9 rows every 125 µs (8 KHz). Each row contains 621 information bits,
5 stuff control bits, 1 stuff opportunity bit, and 2 overhead communication channel
bits. Fixed stuff bytes are used to fill the remaining bytes. Please refer to the
D3MD block for a description of the DS3 mapping.
11.8.2.1
DS3 Serializer and Elastic Store
Incoming high speed serial data is sampled on the DS3TDAT input, deserialized
and written into the Elastic Store by the DS3 Serializer block.
The elastic store block is provided to compensate for frequency differences
between the DS-3 stream (DS3TDAT) and the STS-1 (STM-0/AU3) SPE
capacity. The DS3 Serializer writes data into the elastic store at one eighth of the
DS3TICLK rate while data is read out at the stuffed STS-1 (STM-0/AU3) byte
rate. If an overflow or underflow condition occurs, an interrupt is optionally
asserted and the Elastic Store read and write address are reset to the startup
values (logically 180 degrees apart).
The Elastic store is 128 bits (16 bytes) to allow for a fixed read/write pointer lag
of 7 bytes (3 bytes for TOH, 1 byte for POH, 2 bytes for R bits, and 3 overhead
bits which is rounded-up to 1 byte). Four bytes are also added on either side for
positive and negative threshold detection.
11.8.2.2
DS3 Synchronizer
The DS3 Synchronizer performs the mapping of the DS3 into the STS-1
(STM-0/AU3) SPE. The DS3 Synchronizer monitors the Elastic Store level to
control the stuffing algorithm to avoid overflow (i.e. run faster) and underflow (i.e.
run slower) conditions. The fill level of the elastic store is monitored and stuff
opportunities in the DS3 mapping are used to center the Elastic Store. To
consume a stuff opportunity, the five C-bits on a row are set to ones and the S bit
is used to carry an DS3 information bit. When the S bit is not used to carry
information, the C-bits on the row are set to zeros.
The DS3 synchronizer uses a fixed bit leaking algorithm which leaks 8 bits of
phase buildup in 500 µs. The 8kHz STS-1 (STM-0/AU3) frame interval is
subdivided into 9 rows. Each row contains one stuff opportunity. The following
table illustrates the stuffing implementation where S means stuff bit and I means
an information bit (DS3 data).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com