Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 171 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 171 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 167Page - PMC-Sierra, Inc PM5313 Datasheet HTML 168Page - PMC-Sierra, Inc PM5313 Datasheet HTML 169Page - PMC-Sierra, Inc PM5313 Datasheet HTML 170Page - PMC-Sierra, Inc PM5313 Datasheet HTML 171Page - PMC-Sierra, Inc PM5313 Datasheet HTML 172Page - PMC-Sierra, Inc PM5313 Datasheet HTML 173Page - PMC-Sierra, Inc PM5313 Datasheet HTML 174Page - PMC-Sierra, Inc PM5313 Datasheet HTML 175Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
139
11.8.4 Transmit Telecombus Aligner (TTAL)
The Transmit Telecombus Aligner (TTAL) block takes the STS-1 (STM-0/AU3)
SPE (VC3) or equivalent data stream from the ADD bus and aligns it to the frame
of the transmit stream. The alignment is accomplished by recalculating the STS
(AU) payload pointer value based on the offset between the transport overhead
of the ADD bus and the transmit stream. In processing a concatenated stream,
the TTAL in the master TPPS will perform the pointer offset recalculation and the
TTAL’s in the slave TPPS’s will follow the new pointer offset.
Frequency offsets (e.g., due to plesiochronous network boundaries, or the loss of
a primary reference timing source) and phase differences (due to normal network
operation) between the ADD bus and the transmit stream are accommodated by
pointer adjustments in the transmit stream. For a concatenated stream, the
master TTAL will compute and perform the appropriate pointer adjustment to
which the slave TTAL’s will follow.
The TTAL may optionally insert the tributary multiframe sequence and clear the
fixed stuff columns. The tributary multiframe sequence is a four byte pattern
('hFC, 'hFD, 'hFE, 'hFF) applied to the H4 byte. The H4 byte of the frame
containing the tributary V1 bytes is set to 'hFD. The fixed stuff columns of a
synchronous payload envelope (virtual container) may optionally be over-written
with all-zeros in the fixed stuff bytes.
11.8.4.1
Elastic Store
The Elastic Store block performs rate adaptation between the ADD bus and the
transmit stream. The entire ADD bus payload, including path overhead bytes, is
written into in a first-in-first-out (FIFO) buffer at the ADD bus byte rate. Each FIFO
word stores a payload data byte and a one bit tag labeling the J1 byte. ADD bus
pointer justifications are accommodated by writing into the FIFO during the
negative stuff opportunity byte or by not writing during the positive stuff
opportunity byte. Data is read out of the FIFO in the Elastic Store block at the
transmit stream rate by the Pointer Generator block. Analogously, pointer
justifications on the transmit stream are accommodated by reading from the FIFO
during the negative stuff opportunity byte or by not reading during the positive
stuff opportunity byte.
The FIFO read and write addresses are monitored. Pointer justification requests
are made to the Pointer Generator block based on the proximity of the addresses
relative to programmable thresholds. The Pointer Generator block schedules a
pointer increment event if the FIFO depth is below the lower threshold and a
pointer decrement event if the depth is above the upper threshold. FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com