Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 174 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 174 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 170Page - PMC-Sierra, Inc PM5313 Datasheet HTML 171Page - PMC-Sierra, Inc PM5313 Datasheet HTML 172Page - PMC-Sierra, Inc PM5313 Datasheet HTML 173Page - PMC-Sierra, Inc PM5313 Datasheet HTML 174Page - PMC-Sierra, Inc PM5313 Datasheet HTML 175Page - PMC-Sierra, Inc PM5313 Datasheet HTML 176Page - PMC-Sierra, Inc PM5313 Datasheet HTML 177Page - PMC-Sierra, Inc PM5313 Datasheet HTML 178Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
142
communicated to the corresponding TPOP’s in the local SPECTRA-622 via the
transmit alarm port. When the port is enabled, the path BIP error count and the
remote defect indication for each TPOP are sampled from the transmit alarm port
and inserted in the path REI and path RDI positions of the path status byte (G1)
in the transmit stream.
The TAD port can retrieve up to a maximum of 15 BIP errors for each slice per
frame (125 us). Given the timing of the RAD port, a mate SPECTRA-622 could
output 16 errors within one frame period. If eight errors are detected in two
consecutive frames, and the timing makes them appear within one frame period,
one count could be lost.
11.8.6.4
Path Overhead Insert
The Path Overhead Control Block provides a bit serial path overhead interface to
the TPOP. Any, or all of the path overhead bytes may be sourced from, or
modified by the bit serial path overhead stream sampled from TPOH by higher-
level logic. The individual bits of each path overhead byte are shifted in from the
overhead controller using the path overhead clock generated by TPOP. The
default path overhead byte values from internal register source are inserted in
the STS-1 (STM-0/AU3) or equivalent stream if external modification via TPOH is
not required. For example, the path trace byte (J1) is optionally sourced from the
Transmit Path Trace Buffer block if J1 byte insertion via TPOH is not active.
11.8.6.5
SPE Multiplexer
The SPE Multiplexer Block multiplexes the payload pointer bytes, the SPE
stream, and the path overhead bytes into the transmit stream. When in-band
error reporting is enabled, the path REI and path RDI bits of the path status (G1)
byte has already been formed by the corresponding Receive Path Overhead
Processor and is transmitted unchanged.
11.9 Transmit Transport Overhead Controller (TTOC)
The Transmit Transport Overhead Controller block (TTOC) allows the manual
insertion of the transmit transport overhead bytes, the insertion of section or line
BIP errors or insertion of payload pointer byte errors.
The complete transport overhead to be inserted at once using the TTOH, along
with the nominal 20.736 MHz transport overhead clock, TTOHCLK, and the
transport overhead frame position, TTOHFP. The transport overhead enable
signal, TTOHEN, controls the insertion of transport overhead from TTOH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com