Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 177 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 177 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 173Page - PMC-Sierra, Inc PM5313 Datasheet HTML 174Page - PMC-Sierra, Inc PM5313 Datasheet HTML 175Page - PMC-Sierra, Inc PM5313 Datasheet HTML 176Page - PMC-Sierra, Inc PM5313 Datasheet HTML 177Page - PMC-Sierra, Inc PM5313 Datasheet HTML 178Page - PMC-Sierra, Inc PM5313 Datasheet HTML 179Page - PMC-Sierra, Inc PM5313 Datasheet HTML 180Page - PMC-Sierra, Inc PM5313 Datasheet HTML 181Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
145
Line REI may be inserted automatically in the SONET/SDH stream under the
control of the AUTOLREI bit in the SPECTRA-622 Ring Control Register. Receive
B2 errors are accumulated and optionally inserted automatically in bits 2 to 8 of
the third Z2/M1 byte of the transmit STS-12 (STM-4) stream. Up to 96 errors may
be inserted per frame.
The line BIP (B2) error detection code for the transmit stream is calculated by the
TLOP and is inserted into the line overhead. Errors may be inserted in the B2
code for diagnostic purposes. A byte serial stream, along with a frame position
indicator is passed to the Transmit Section Overhead Processor.
11.11 Transmit Section Overhead Processor (TSOP)
The Transmit Section Overhead Processor (TSOP) block processes the section
overhead of the transmit STS-12 (STM-4) stream.
The TSOP accepts an unscrambled stream in byte serial format from the
Transmit Line Overhead Processor. It optionally inserts the section data
communication channel, the order wire channel, and the user channel into the
section overhead (regenerator section) of the stream. These section overhead
channels are input to the SPECTRA-622 in gapped mode as bit serial signals
(TOH, TSLD, TSOW, and TSUC). The TSOP provides the bit serial clock for each
section overhead channel (TOHCLK, TSLDCLK, and TOWCLK). The line alarm
indication signal may optionally be inserted into the data stream under the control
of an external input (TLAIS), or a microprocessor writeable register.
The section BIP-8 error detection code (B1) is calculated by the TSOP block and
is inserted into the section overhead of the transmit stream. Errors may be
inserted in the B1 code for diagnostic purposes. Framing (A1, A2) and identity
bytes (J0) are also inserted. Finally, the complete transmit stream is scrambled
and output by the TSOP in byte serial format to the Transmit Line Interface.
The TSOP block is intended to operate with a downstream serializer (the Parallel
to Serial Converter block) that accepts the transmit stream in byte serial format
and serializes it at the appropriate line rate.
11.12 Transmit Section Trace Buffer (SSTB)
The transmit portion of the SONET/SDH Section Trace Buffer (SSTB) sources
the section trace identifier message (J0) for the Transmit Transport Overhead
Access block. The length of the trace message is selectable between 16 bytes
and 64 bytes. The section trace buffer contains one page of transmit trace
identifier message memory. Identifier message data bytes are written by the
microprocessor into the message buffer and delivered serially to the Transport



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com