Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 180 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 180 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 176Page - PMC-Sierra, Inc PM5313 Datasheet HTML 177Page - PMC-Sierra, Inc PM5313 Datasheet HTML 178Page - PMC-Sierra, Inc PM5313 Datasheet HTML 179Page - PMC-Sierra, Inc PM5313 Datasheet HTML 180Page - PMC-Sierra, Inc PM5313 Datasheet HTML 181Page - PMC-Sierra, Inc PM5313 Datasheet HTML 182Page - PMC-Sierra, Inc PM5313 Datasheet HTML 183Page - PMC-Sierra, Inc PM5313 Datasheet HTML 184Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
148
Successive reading of the value obtained, referred as phase sample (PHSAMP),
can be used to calculate the phase relation between both clocks. Both the
Reference Counter and the Phase Counter are programmable counters and are
set to have equal cycle period. Therefore, if VCOCLK were locked to RCLK,
successive readings of the phase sample would be equal. The phase sample
value will increase or decrease depending if VOCLK is faster or slower than
RCLK.
The Reference Period is obtained by dividing RCLK. At each reference period, a
signal enabling the sampling (SAMPLEN) of the Phase Counter is produced. This
signal is resynchronized to VCOCLK to avoid any potential metastability problem
that could result due to the asynchronous nature of both clocks.
Phase Reacquisition Control
The Phase Reacquisition Control circuit prevents using the phase sample from
both sides of the counter wrap-around point when performing the Phase Sample
averaging. The Phase Count is first divided in four quadrants, each equal to
approximately a quarter of the Phase Count. Comparators are used to determine
in which quadrant each phase sample is located. When two successive samples
(one in the first quadrant and the other in the last quadrant) are seen, the
Reference Phase Alignment Flag (RPHALFLG) is generated.
Upon reception of this signal, the Phase Counter is reset to align the phase count
sampling point towards its middle count. This signal is also sent to the Phase
Averager circuit. The generation of this signal may be squelched by setting the
AUTOREAC bit of the WANS configuration register.
Phase Averager
To provide some noise immunity and improve the resolution of the phase
detector algorithm of the WANS, the phase samples are averaged over a
programmable number of samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com