Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 183 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 183 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 179Page - PMC-Sierra, Inc PM5313 Datasheet HTML 180Page - PMC-Sierra, Inc PM5313 Datasheet HTML 181Page - PMC-Sierra, Inc PM5313 Datasheet HTML 182Page - PMC-Sierra, Inc PM5313 Datasheet HTML 183Page - PMC-Sierra, Inc PM5313 Datasheet HTML 184Page - PMC-Sierra, Inc PM5313 Datasheet HTML 185Page - PMC-Sierra, Inc PM5313 Datasheet HTML 186Page - PMC-Sierra, Inc PM5313 Datasheet HTML 187Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
151
Similarly, on the ADD side, the ADD bus TSI logic grooms the STS-12/12c (STM-
4/AU3/AU4/AU4-Xc) or 4xSTS-3/3c (STM-1) ADD bus stream provided by the
Telecombus Interface into the corresponding STS-12/12c (STM-4/AU3/AU4/AU4-
Xc) transmit stream to be processed by the twelve Transmit Path Processing
Slices (TPPS).
The software configuration of the ADD or DROP bus TSI logic to perform
grooming at the respective ADD or DROP buses is described in the Operations
section.
11.16 System Side Interfaces
11.16.1
Telecombus Interface
The Telecombus Interface supports a single (STM-4) 77.76 MHz byte Telecom
bus or four (STM-1) 19.44 MHz byte Telecom bus modes. It performs
multiplexing and demultiplexing to support STS-12/12c (STM-4/AU3/AU4/AU4-
Xc) operations.
For an STS-12/12c (STM-4/AU3/AU4/AU4-Xc) receive stream, the Telecombus
interface multiplexes the DROP side data streams from the DROP bus TSI logic
at the STS-1 (STM-0/AU3) rate and provides the combined data stream (the
groomed receive stream) to the DROP bus configured as a single (STM-4) 77.76
MHz byte Telecom bus or four (STM-1) 19.44 MHz byte Telecom buses. For the
STM-4 Telecom bus mode, all four constituent STM-1’s (STM-1 #1 - #4) are
presented at the single 77.76 MHz DROP bus (DD[7:0]). For the STM-1 byte
Telecom bus mode, the DROP bus STM-1 #1, STM-1 #2, STM-1 #3 and STM-1
#4 streams are presented at the DD[7:0], DD[15:8], DD[23:16] and DD[31:24]
buses, respectively.
For an STS-12/12c (STM-4/AU3/AU4/AU4-Xc) transmit stream, the Telecombus
interface accepts a byte stream from the single (STM-4) 77.76 MHz Telecom
ADD bus or four byte streams from the four (STM-1) 19.44 MHz byte Telecom
ADD buses. The byte streams are de-multiplexed into twelve STS-1
(STM-0/AU3) equivalent streams and presented to the ADD bus TSI logic for
grooming. The groomed ADD bus STS-12 (STM-4) stream is then processed and
transmitted. For the STM-4 Telecom bus mode, all four constituent STM-1’s
(STM-1 #1 - #4) are sourced from the single 77.76 MHz ADD bus (AD[7:0]). For
the STM-1 byte Telecom bus modes, the ADD bus STM-1 #1, STM-1 #2, STM-1
#3 and STM-1 #4 streams are sourced from the AD[7:0], AD[15:8], AD[23:16] and
AD[31:24] buses, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com