Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 184 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 184 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 180Page - PMC-Sierra, Inc PM5313 Datasheet HTML 181Page - PMC-Sierra, Inc PM5313 Datasheet HTML 182Page - PMC-Sierra, Inc PM5313 Datasheet HTML 183Page - PMC-Sierra, Inc PM5313 Datasheet HTML 184Page - PMC-Sierra, Inc PM5313 Datasheet HTML 185Page - PMC-Sierra, Inc PM5313 Datasheet HTML 186Page - PMC-Sierra, Inc PM5313 Datasheet HTML 187Page - PMC-Sierra, Inc PM5313 Datasheet HTML 188Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
152
In the STM-1 Telecom bus mode, one or more adjacent STM-1 ADD or DROP
buses can be grouped together to support concatenated payload streams larger
then an STS-3c (STM-1/AU4). On the DROP side, the payload data de-mux’ed
onto the STM-1 DROP buses in the group will experience identical delays and
thus preserving byte sequencing integrity of the concatenated receive payload
stream. The transport frames of the STM-1 DROP buses in the group can be
aligned by the DFP frame pulse. On the ADD side, the transport frames of the
STM-1 ADD buses in the group must be aligned (coincident C1/AFP pulses on
the associated AC1J1V1/AFP signals). The payload data provided on the STM-1
ADD buses in the group will experience identical delays and the byte sequencing
integrity of the concatenated transmit payload stream is thus preserved.
The Telecombus is very flexible and can support a wide range of system
backplane architectures. Table 8 shows the system side ADD bus options:
Table 8
- System Side ADD Bus Configuration Options
AFPEN
Bit
DISJ1V1
Bit
APL[4:1]
Input Pin
AC1J1V1[4:1]/
AFP[4:1]
Input Pin
Comments
0
0
APL marks
payload bytes
AC1J1V1 marks
C1, J1 and V1
positions
TPIP block is
bypassed.
01
Tied to
ground
AC1J1V1 marks
C1 position only
TPIP block
interprets
pointers for
J1/V1
01
APL marks
payload bytes
AC1J1V1 marks
C1, J1 and V1
positions
TPIP block
interprets
pointers for
J1/V1. Ignores
J1/V1
indications on
AC1J1V1
01
APL marks
payload bytes
AC1J1V1 marks
C1 position only
TPIP block
interprets
pointers for
J1/V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com