Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 181 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 181 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 177Page - PMC-Sierra, Inc PM5313 Datasheet HTML 178Page - PMC-Sierra, Inc PM5313 Datasheet HTML 179Page - PMC-Sierra, Inc PM5313 Datasheet HTML 180Page - PMC-Sierra, Inc PM5313 Datasheet HTML 181Page - PMC-Sierra, Inc PM5313 Datasheet HTML 182Page - PMC-Sierra, Inc PM5313 Datasheet HTML 183Page - PMC-Sierra, Inc PM5313 Datasheet HTML 184Page - PMC-Sierra, Inc PM5313 Datasheet HTML 185Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
149
Figure 15
-Phase Averager Block Diagram
SAMP LE CO U NT ER
SAM PLEN
PH AW OR D[30:0]
TIMFLG
PH ASE W OR D
RE GIST ER
EN
PH SAM P[15:0]
EN
SA M PLE
AC CU M ULA TO R
R
EN
PH AS E A VER AG ER
CO NT RO L
RPH ALG N
EO C
RP H ALFLG
SAM P LEN
SAM P LEN
Although referred to as an averaging process, it is truly an accumulation process.
It retains full resolution, i.e. no division is performed on the accumulated value.
The Phase Word includes an integer and a fractional part. The number of
averaging samples sets the size of the fractional part.
A programmable counter, the Sample Counter, in incremented at each
SAMPLEN signal. This Sample Counter defines the Phase Averaging Period,
equal to the Reference Period times the programmed number of phase samples.
At the end of this period, the accumulated phase sample value is transferred to
the Phase Word register. The Phase Word (PHAWORD) is then accessible by an
external processor. An internal timer flag is raised at the end of each averaging
period. The flag may be used to generate an interrupt request (TIMI) to an
external processor.
Because it indicates that the averaging process includes invalid sample values,
the RPHALFLG signal also prevents the Phase Word register from being updated
at the end of the current Phase Averaging period. The RPHAFLG signal indicates
this event by sending the Reference Phase Alignment condition signal
(RPHALGN) to the WANS Interrupt and Status register (0081H). The RPHALGN
signal is reset at the end of the following valid Phase Averaging period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com