Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 179 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 179 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 175Page - PMC-Sierra, Inc PM5313 Datasheet HTML 176Page - PMC-Sierra, Inc PM5313 Datasheet HTML 177Page - PMC-Sierra, Inc PM5313 Datasheet HTML 178Page - PMC-Sierra, Inc PM5313 Datasheet HTML 179Page - PMC-Sierra, Inc PM5313 Datasheet HTML 180Page - PMC-Sierra, Inc PM5313 Datasheet HTML 181Page - PMC-Sierra, Inc PM5313 Datasheet HTML 182Page - PMC-Sierra, Inc PM5313 Datasheet HTML 183Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
147
output. When the parallel transmit interface mode is used, the PISO block is not
used.
11.14 WAN Synchronization Controller (WANS)
The WANS provides hardware support to implement a local clock reference
compliant to SONET Stratum 3 clock specifications (GR-253-CORE & GR-1244-
CORE) in wander transfer, long term and holdover stability. The WANS is
intended to be used in conjunction with an external processor, DAC, analog
circuitry and VCXO. The software running on the external processor is
responsible for performing: digital loop filtering, temperature compensation,
VCXO linearity compensation; determining the validity of the timing reference;
and performing reference switchover if need be. A typical high level
representation of a complete PLL is shown below.
The WANS block contains circuitry to implement a digital phase comparison
between the reference clock (RCLK) and the variable clock (VCOCLK). It also
performs an averaging process of the value obtained.
Figure 14
-Phase Comparator Block Diagram
REFERENCE
PERIOD CO UNTER
RC LK
PH SAM P[15:0]
RPH ALFLG
PH ASE
CO UN TER
VC O CLK
PH ASE
S AM PLE R EG ISTER
EN
REACQ UISIT ION
CO NT RO L
SAM PLEN
R
RPH ALFLG
Phase Comparison
The phase comparison between the reference clock (RCLK ) and the variable
clock (or VCXO clock, VCOCLK) is implemented by sampling, at a fixed interval,
the Reference Period the output of the Phase Counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com