Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 178 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 178 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 174Page - PMC-Sierra, Inc PM5313 Datasheet HTML 175Page - PMC-Sierra, Inc PM5313 Datasheet HTML 176Page - PMC-Sierra, Inc PM5313 Datasheet HTML 177Page - PMC-Sierra, Inc PM5313 Datasheet HTML 178Page - PMC-Sierra, Inc PM5313 Datasheet HTML 179Page - PMC-Sierra, Inc PM5313 Datasheet HTML 180Page - PMC-Sierra, Inc PM5313 Datasheet HTML 181Page - PMC-Sierra, Inc PM5313 Datasheet HTML 182Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
146
Overhead Access block for insertion in the transmit stream. When the
microprocessor is updating the transmit page buffer, the buffer may be
programmed to transmit null characters to prevent transmission of partial
messages.
11.13 Transmit Line Interface
The Transmit Line Interface allows to directly interface the SPECTRA-622 with
optical modules (ODLs) or other medium interfaces. This block performs clock
synthesis and performs parallel to serial conversion on the outgoing
622.08 Mbit/s data stream.
The Transmit Line Interface block performs clock synthesis and performs parallel
to serial conversion.The transmit interface also offers a telecom bus parallel
output. The parallel interface can be used to output the fully terminated
SONET/SDH stream in byte parallel format.
In APS applications the parallel interface may be enabled along with the serial
stream output. In this mode the serial stream outputs the fully termainated
(section/line) stream while the parallel interface outputs the path terminated
stream. The path terminated stream may them be fed into the ADD bus of a
second mate SPECTRA622 which can be used to generate the section and line.
11.13.1
Clock Synthesis
The transmit clock may be synthesized from a 77.76 MHz reference. The phase
lock loop filter transfer function is optimized to enable the PLL to track the
reference, yet attenuate high frequency jitter on the reference signal. This
transfer function yields a typical low pass corner of 1 MHz, above which
reference jitter is attenuated at 20 dB per octave. The design of the loop filter and
PLL is optimized for minimum intrinsic jitter. With a jitter free reference, the
intrinsic jitter is less than 0.07 UI RMS when measured using a band pass filter
with a low cutoff frequency of 12 KHz and a high cutoff frequency of 5 MHz.
The REFCLK reference should be within ±20 ppm to meet the SONET/SDH free-
run accuracy requirements specified in GR-253-CORE. The CSU may require a
software reset when the supply voltage drops below the minimum operating level.
See the CSPI-622 register description for more information.
11.13.2
Parallel to Serial Converter
The Parallel to Serial Converter (PISO) converts the transmit byte serial stream
to a bit serial stream. The transmit bit serial stream appears on the TXD+/- PECL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com