Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 176 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 176 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 172Page - PMC-Sierra, Inc PM5313 Datasheet HTML 173Page - PMC-Sierra, Inc PM5313 Datasheet HTML 174Page - PMC-Sierra, Inc PM5313 Datasheet HTML 175Page - PMC-Sierra, Inc PM5313 Datasheet HTML 176Page - PMC-Sierra, Inc PM5313 Datasheet HTML 177Page - PMC-Sierra, Inc PM5313 Datasheet HTML 178Page - PMC-Sierra, Inc PM5313 Datasheet HTML 179Page - PMC-Sierra, Inc PM5313 Datasheet HTML 180Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
144
The National overhead bytes are defined as the following;
• Z0 byte positions of STS-1 #N for 5≤N≤12
• F1 byte positions of STS-1 #N for 2≤N≤12
• E2 byte positions of STS-1 #N for 2≤N≤12
The Unused overhead bytes are defined as the following;
• B1 byte positions of STS-1 #N for 2≤N≤12.
• E1 byte positions of STS-1 #N for 2≤N≤12.
• D1 to D3 byte positions of STS-1 #N for 2≤N≤12.
• K1 and K2 byte positions of STS-1 #N for 2≤N≤12.
• D4 to D12 byte positions of STS-1 #N for 2≤N≤12.
• Z1 bytes of STS-1 #N for 2≤N≤12.
• Z2 bytes of STS-1 #N for N=1, 2 and 4≤N≤12.
11.10 Transmit Line Overhead Processor (TLOP)
The Transmit Line Overhead Processor block (TLOP) processes the line
overhead of a transmit STS-12 (STM-4) stream.
The TLOP optionally inserts the line data communication channel, the line order
wire channel, and the automatic protection switch channel into the line overhead
of the transmit stream. In gapped mode these line overhead channels are
separately fed to the TLOP as bit serial inputs (TLD, TLOW, and TOH). The
TLOP provides the gapped mode bit serial clock for each line overhead channel
(TLDCLK, TOWCLK, TOHCLK).
Line RDI may be inserted in the transmit stream under the control of an external
input (TLRDI), or a writeable register. The bits in the SPECTRA-622 Line RDI
Control Register controls the immediate insertion of Line RDI upon detection of
various errors in the received SONET/SDH stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com