Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 173 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 173 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 169Page - PMC-Sierra, Inc PM5313 Datasheet HTML 170Page - PMC-Sierra, Inc PM5313 Datasheet HTML 171Page - PMC-Sierra, Inc PM5313 Datasheet HTML 172Page - PMC-Sierra, Inc PM5313 Datasheet HTML 173Page - PMC-Sierra, Inc PM5313 Datasheet HTML 174Page - PMC-Sierra, Inc PM5313 Datasheet HTML 175Page - PMC-Sierra, Inc PM5313 Datasheet HTML 176Page - PMC-Sierra, Inc PM5313 Datasheet HTML 177Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
141
11.8.6 Transmit Path Overhead Processor (TPOP)
The Transmit Path Overhead Processor (TPOP) provides transport frame
alignment generation, path overhead insertion, insertion of the synchronous
payload envelope, insertion of path level alarm signals and path BIP-8 (B3)
insertion.
11.8.6.1
BIP-8 Calculate
The BIP-8 Calculate Block performs a path bit interleaved parity calculation on
the SPE (VC) of the outgoing STS-1 (STM-0/AU3) or equivalent stream. The
fixed stuff columns in the VC3 format may be optionally excluded from BIP
calculations. The resulting parity byte is inserted in the path BIP-8 (B3) byte
position of the subsequent frame. BIP-8 errors may be continuously inserted
under register control for diagnostic purposes.
In processing a concatenated stream, the BIP-8 Calculate Block of the TPOP in
the master TPPS will include calculated BIP-8 values from the slave TPPS’s in
the final computation of the path BIP-8 (B3) value of the stream.
11.8.6.2
Path REI Calculate
The Path REI Calculate Block accumulates path remote error indications on a
per frame basis, and inserts the accumulated value (up to maximum value of
eight) in the path REI bit positions of the path status (G1) byte. The path REI
information is derived from path BIP-8 errors detected by the corresponding
Receive Path Overhead Processor, RPOP. The asynchronous nature of these
signals implies that more than eight path REI events may be accumulated
between transmit G1 bytes. If more than eight receive Path BIP-8 errors are
accumulated between transmit G1 bytes, the accumulation counter is
decremented by eight, and the remaining path REIs are transmitted at the next
opportunity. Alternatively, path REI can be accumulated from path REI counts
reported on the transmit alarm port when the local SPECTRA-622 is paired with a
receive section of a remote SPECTRA-622. Far end block errors may be inserted
under register control for diagnostic purposes. Optionally, path REI insertion may
be disabled and the incoming G1 byte passes through unchanged to support
applications where the received path processing does not reside in the local
SPECTRA-622.
11.8.6.3
Transmit Alarm Port
Received path BIP errors (REI) and remote defect indications (RDI) from Receive
Path Overhead Processors (RPOP) in a remote SPECTRA-622 are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com