Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 172 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 172 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 168Page - PMC-Sierra, Inc PM5313 Datasheet HTML 169Page - PMC-Sierra, Inc PM5313 Datasheet HTML 170Page - PMC-Sierra, Inc PM5313 Datasheet HTML 171Page - PMC-Sierra, Inc PM5313 Datasheet HTML 172Page - PMC-Sierra, Inc PM5313 Datasheet HTML 173Page - PMC-Sierra, Inc PM5313 Datasheet HTML 174Page - PMC-Sierra, Inc PM5313 Datasheet HTML 175Page - PMC-Sierra, Inc PM5313 Datasheet HTML 176Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
140
underflow and overflow events are detected and path AIS is inserted in the
transmit stream for three frames to alert downstream elements of data corruption.
11.8.4.2
Pointer Generator
The Pointer Generator Block generates the transmit stream pointer (H1, H2) as
specified in the references. The pointer value is used to determine the location of
the path overhead (the J1 byte) in the transmit STS-1 (STM-0/AU3) or equivalent
stream. The algorithm is identical to that described in the Receive Telecombus
Aligner (RTAL) block.
When operating in a slave TPPS, the concatenation indications (‘b1001 xx
1111111111) will be generated in the pointer bytes (H1 and H2) when enabled in
the TPOP block.
11.8.4.3
Bypass
The TPPS can be put in bypass mode by setting the TESBYP of the ADD Bus
Configuration register (bit 5, register 1030H). In this mode, all twelve slices are
put in bypass mode. Once in bypass, all the features related to the TTAL can no
longer be used. This includes the generation of pointers and of TUAIS alarms.
The ADD clock, ACK, must be connected to the PGMTCLK since FIFOs are no
longer present. The pointer outputted on the tx side will be the same as the one
received from the add bus. Since pointer generation related to AIS transitions is
not supported, no NDF will be generated. In this mode, a mix of DISJ1V1 bit
setting is not supported (register 1102H). In addition, a mix of Telecombus and
DS3 is also not supported.
11.8.5 Transmit Path Trace Buffer (SPTB)
The transmit portion of the SONET/SDH Path Trace Buffer (SPTB) sources the
path trace identifier message (J1) for the Transmit Path Overhead Processor
(TPOP) block. The length of the trace message is selectable between 16 bytes
and 64 bytes. The SPTB contains one page of transmit trace identifier message
memory. Identifier message data bytes are written by the microprocessor into the
message buffer and delivered serially to the Transmit Path Overhead Processor
block for insertion in the transmit stream. When the microprocessor is updating
the transmit page buffer, SPTB may be programmed to transmit null characters to
prevent transmission of partial messages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com