Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 168 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 168 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 164Page - PMC-Sierra, Inc PM5313 Datasheet HTML 165Page - PMC-Sierra, Inc PM5313 Datasheet HTML 166Page - PMC-Sierra, Inc PM5313 Datasheet HTML 167Page - PMC-Sierra, Inc PM5313 Datasheet HTML 168Page - PMC-Sierra, Inc PM5313 Datasheet HTML 169Page - PMC-Sierra, Inc PM5313 Datasheet HTML 170Page - PMC-Sierra, Inc PM5313 Datasheet HTML 171Page - PMC-Sierra, Inc PM5313 Datasheet HTML 172Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
136
generator will generate one twelfth (1 in 12) of the complete PRBS payload
sequence.
When enabled, the PRBS monitor of a TPPS will attempt to synchronize to the
payload sequence in the STS-1 (STM-0/AU3) SPE (VC3) or equivalent data
stream from the ADD bus. If it is successful in finding the supported pseudo-
random sequence then pattern errors detected will be accumulated in the
corresponding error counter. For an STS-3c (STM-1/AU4) stream, the PRBS
monitor in each of the three TPPS’s required to process the concatenated stream
will independently validate one third (1 in 3) of the PRBS payload sequence. For
an STS-12c (STM-4-4c) stream, the PRBS monitor in each of the twelve TPPS’s
will validate one twelfth (1 in 12) of the PRBS payload sequence. The total
number of errors for a STS-3c or STS-12c is representated by the sum of the
master slice error count and of all its slave.
11.8.1 ADD Bus PRBS Generator and Monitor (APGM)
The ADD bus Pseudo-random bit sequence Generator and Monitor (APGM)
block generates and monitors an unframed 2
23
-1 payload test sequence in an
STS-1 (STM-0/AU3) SPE (VC3) or equivalent data stream from the ADD bus.
The PRBS generator of the APGM can be configured to overwrite the payload
bytes of the ADD bus STS-1 (STM-0/AU3) SPE (VC3) data stream with an
unframed 2
23
-1 sequence as well as autonomously generating both the payload
bytes and the SPE (VC3) frames. The PRBS monitor of the APGM block
monitors the payload data from the ADD bus for the presence of an unframed
2
23
-1 sequence and accumulates pattern errors detected based on this pseudo-
random pattern.
The operation of the APGM block is identical to that of the DPGM block
described in the Receive Path Processing Slice section.
If the AFP/AC1J1V1 aligment is changed, all the slices will be resynchronized to
the new frame pulse and the aligment of the PRBS sequence for concatenated
payload might be loss. The PRBS sequence thus need to be regenerated by
setting the GEN_REGEN bit of all the master slices. The signature analyzer
interrupt (GEN_SIGE) can be used to detect this condition.
11.8.2 DS3 Mapper ADD Side (D3MA)
The DS3 Mapper ADD Side (D3MA) block maps a DS3 signal into an STS-1
(STM-0/AU3) transmit stream and compensate for any frequency differences
between the incoming DS3 serial bit rate (DS3TICLK) and the available STS-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com