Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 165 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 165 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 161Page - PMC-Sierra, Inc PM5313 Datasheet HTML 162Page - PMC-Sierra, Inc PM5313 Datasheet HTML 163Page - PMC-Sierra, Inc PM5313 Datasheet HTML 164Page - PMC-Sierra, Inc PM5313 Datasheet HTML 165Page - PMC-Sierra, Inc PM5313 Datasheet HTML 166Page - PMC-Sierra, Inc PM5313 Datasheet HTML 167Page - PMC-Sierra, Inc PM5313 Datasheet HTML 168Page - PMC-Sierra, Inc PM5313 Datasheet HTML 169Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
133
generates a matching signature based on its own state. A signature mis-match is
flagged as an out-of-synch state by the slave DPGM. A re-synchronization of the
PRBS generation is initiated by the master DPGM (under software control) when
one or more slave DPGM’s report an out-of-synch state in relation to that of the
master DPGM. This involves a re-starting of PRBS generation in each DPGM
from a pre-determined state according to the order of generation (transmission or
reception) assigned to a particular DPGM.
When a path overhead byte position is encountered by the master DPGM in an
STS-3c (STM-1/AU4) stream, the master DPGM will not generate the next PRBS
data byte, this task is left to the (first) slave DPGM which is next in line to
generate a PRBS data byte. The second slave DPGM (in the order of generation)
will now generate the PRBS data byte which is supposed to be generated by the
first slave DPGM and so on. This means that the current states of the slave
DPGM blocks will be re-aligned relative to the new state of the master DPGM to
collectively skip over the path overhead byte position encountered by the master
DPGM. For an STS-12c (STM-4-4c) stream, the states of all twelve DPGM
blocks required to process the stream have to be re-aligned to collectively skip
over the path overhead byte and the three consecutive fixed stuff bytes
immediately following it.
The PRBS monitor of the DPGM block monitors the recovered payload data for
the presence of an unframed 2
23
-1 test sequence and accumulates pattern errors
detected based on this pseudo-random pattern. The DPGM declares
synchronization when a sequence of 32 correct pseudo-random patterns (bytes)
are detected consecutively. Pattern errors are only counted when the DPGM is in
synchronization with the input sequence. When 16 consecutive pattern errors are
detected, the DPGM will fall out of synchronization and it will continuously
attempt to re-synchronize to the input sequence until it is successful.
When processing a concatenated stream, individual DPGM blocks, including the
master DPGM, independently monitor their corresponding one twelfth (1 in 12) or
one third (1 in 3) of the complete PRBS payload sequence according to the
SONET/SDH concatenated mode of the stream. The master DPGM will be
monitoring the partial sequence contained in the 1
st (after the transport overhead
columns) and subsequent SPE bytes occurring at a 12-byte interval. The next
partial sequence contained in the 2
nd and every twelfth bytes thereafter will be
validated by the first (in the order of payload reception) slave DPGM and so on.
Individual DPGM synchronization status and error count accumulation are
provided. Optionally, an interrupt can be generated by the DPGM whenever a
loss of synchronization or re-synchronization occurs.
Path overhead bytes and fixed stuff columns in the receive concatenated stream
will be collectively skipped over as described for the PRBS generator of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com