| Electronic Components Datasheet Search |
|
PM5313 Datasheet(PDF) 162 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5313 Datasheet(HTML) 162 Page - PMC-Sierra, Inc |
|
162 / 646 page ![]() PRODUCTION PMC-Sierra, Inc. PM5313 SPECTRA-622 DATASHEET PMC-1981162 ISSUE 6 SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S PROPRIETARY AND CONFIDENTIAL 130 11.7.4.1 DS3 Demapper The D3MD performs majority vote on the received C-bits. If 3 out of 5 C-bits are ‘1’s, the associated S bit is interpreted as a stuff bit. If 3 out of 5 C-bits are ‘0’s, the associated S bit is interpreted as an Information bit. The information bits are written to an elastic store and the Fixed Stuff bits (R) are ignored. Given a LOS, LOF, LAIS, LOP, PAIS, path signal label mismatch (PSLM) or path signal label unstable (PSLU), path trace identifier mismatch (TIM) or path trace identifier unstable (mode 1 or 2 TIU) condition, the D3MD optionally ignores the STS-1 (STM-0/AU3) SPE and writes a DS3 AIS pattern to the elastic store. In addition, the desynchronization algorithm assumes a nominal ratio of data to stuff bits carried in the S bits (1 out of 3 S bits is assumed to be an information (data) bit). DS3 AIS is defined below: Table 4 - DS3 AIS format. X (1) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D X (1) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D P (p) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D P (p) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D M (0) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D M (1) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D M (0) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D • valid M-frame alignment bits (M-bits), M-subframe alignment bits (F-bits), and parity bit of the preceding M-frame (P-bits). The two P-bits are identical, either both are zeros or ones. • all the C-bits in the M-frame are set to zeros • the X-bits are set to ones • the information bit (84 Data bits with repeating sequence of 1010..) 11.7.4.2 Elastic Store The elastic store block is provided to compensate for frequency differences between the DS-3 stream extracted from the STS-1 (STM-0/AU3) SPE and the incoming DS3RICLK. The DS3 Demapper extracts I bits from the STS-1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |