Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 158 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 158 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 154Page - PMC-Sierra, Inc PM5313 Datasheet HTML 155Page - PMC-Sierra, Inc PM5313 Datasheet HTML 156Page - PMC-Sierra, Inc PM5313 Datasheet HTML 157Page - PMC-Sierra, Inc PM5313 Datasheet HTML 158Page - PMC-Sierra, Inc PM5313 Datasheet HTML 159Page - PMC-Sierra, Inc PM5313 Datasheet HTML 160Page - PMC-Sierra, Inc PM5313 Datasheet HTML 161Page - PMC-Sierra, Inc PM5313 Datasheet HTML 162Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
126
The elastic store may be bypassed through register control in Register 0n00H:
Spectra-622 RPPS Configuration. DCK must be connected to PGMRCLK in this
case. If the DROP interface is in the 77.76 MHz configuration, the DROP Bus
DLL might need to be reseted, with register 00A6H, if the PGMRCLK is unstabled
after the reset.
When in RTAL FIFO bypass mode, the V1 pulse on the DROP bus will always be
outputted, it cannot be disabled. Also, the autonomous mode of the DPGM is not
supported in bypass mode.
11.7.3.2
Pointer Generator
The Pointer Generator generates the DROP bus pointer (H1, H2) as specified in
the references. The pointer value is used to determine the location of the path
overhead (the J1 byte) in the DROP bus STS-1 (STM-0/AU3) stream. The
algorithm can be modeled by a finite state machine. Within the pointer generator
algorithm, five states are defined as shown below:
NORM_state (NORM)
AIS_state (AIS)
NDF_state (NDF)
INC_state (INC)
DEC_state (DEC)
The transition from the NORM to the INC, DEC, and NDF states are initiated by
events in the Elastic Store (ES) block. The transition to/from the AIS state are
controlled by the pointer interpreter (PI) in the Receive Path Overhead Processor
block. The transitions from INC, DEC, and NDF states to the NORM state occur
autonomously with the generation of special pointer patterns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com