Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 157 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 157 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 153Page - PMC-Sierra, Inc PM5313 Datasheet HTML 154Page - PMC-Sierra, Inc PM5313 Datasheet HTML 155Page - PMC-Sierra, Inc PM5313 Datasheet HTML 156Page - PMC-Sierra, Inc PM5313 Datasheet HTML 157Page - PMC-Sierra, Inc PM5313 Datasheet HTML 158Page - PMC-Sierra, Inc PM5313 Datasheet HTML 159Page - PMC-Sierra, Inc PM5313 Datasheet HTML 160Page - PMC-Sierra, Inc PM5313 Datasheet HTML 161Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
125
Frequency offsets (e.g., due to plesiochronous network boundaries, or the loss of
a primary reference timing source) and phase differences (due to normal network
operation) between the receive data stream and the DROP bus are
accommodated by pointer adjustments in the DROP bus. DROP bus pointer
justification events are indicated and are accumulated in the Performance
Monitor (PMON) block. Large differences between the number and type of
received pointer justification events as indicated by the RPOP block, and pointer
justification events generated by the RTAL block may indicate network
synchronization failure.
When the RPOP block detects a loss of multiframe, the RTAL may optionally
insert all ones in the tributary portion of the SPE. The path overhead column and
the fixed stuff columns are unaffected.
The RTAL may optionally insert the tributary multiframe sequence and clear the
fixed stuff columns. The tributary multiframe sequence is a four byte pattern
('hFC, 'hFD, 'hFE, 'hFF) applied to the H4 byte. The H4 byte of the frame
containing the tributary V1 bytes is set to 'hFD. The fixed stuff columns of a
synchronous payload envelope (virtual container) may optionally be over-written
all-zeros in the fixed stuff bytes.
During a PAIS condition, jump in J1 location can occur on the DROP bus.
11.7.3.1
Elastic Store
The Elastic Store perform rate adaptation between the receive data stream and
the DROP bus. The entire received payload, including path overhead bytes, is
written into in a first-in-first-out (FIFO) buffer at the receive byte rate. Each FIFO
word stores a payload data byte and a one bit tag labeling the J1 byte. Receive
pointer justifications are accommodated by writing into the FIFO during the
negative stuff opportunity byte or by not writing during the positive stuff
opportunity byte. Data is read out of the FIFO in the Elastic Store block at the
DROP bus rate by the Pointer Generator. Analogously, pointer justifications on
the DROP bus are accommodated by reading from the FIFO during the negative
stuff opportunity byte or by not reading during the positive stuff opportunity byte.
The FIFO read and write addresses are monitored. Pointer justification requests
will be made to the Pointer Generator based on the proximity of the addresses
relative to programmable thresholds. The Pointer Generator schedules a pointer
increment event if the FIFO depth is below the lower threshold and a pointer
decrement event if the depth is above the upper threshold. FIFO underflow and
overflow events are detected and path AIS is optionally inserted in the DROP bus
for three frames to alert downstream elements of data corruption. During PAIS,
outgoing pointer justifications are not performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com