Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 153 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 153 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 149Page - PMC-Sierra, Inc PM5313 Datasheet HTML 150Page - PMC-Sierra, Inc PM5313 Datasheet HTML 151Page - PMC-Sierra, Inc PM5313 Datasheet HTML 152Page - PMC-Sierra, Inc PM5313 Datasheet HTML 153Page - PMC-Sierra, Inc PM5313 Datasheet HTML 154Page - PMC-Sierra, Inc PM5313 Datasheet HTML 155Page - PMC-Sierra, Inc PM5313 Datasheet HTML 156Page - PMC-Sierra, Inc PM5313 Datasheet HTML 157Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
121
is updated with the receive pointer value. An illegal pointer change is defined as
a inc_ind or dec_ind indication that occurs within three frames of the previous
inc_ind, dec_ind or NDF_enable indications. Illegal pointer changes may be
optionally disabled via register bits.
The active offset value is used to extract the path overhead from the incoming
stream and can be read from an internal register.
11.7.1.2
Multiframe Framer
The multiframe alignment sequence in the path overhead H4 byte is monitored
for the bit patterns of 00, 01, 10, 11 in the two least significant bits. If an
unexpected value is detected, the primary multiframe will be kept, and a second
multiframe process will, in parallel, check for a phase shift. The primary process
will enter out of multiframe state (OOM). A new multiframe alignment is chosen,
and OOM state is exited when four consecutive correct multiframe patterns are
detected. Loss of multiframe (LOM) is declared after residing in the OOM state
for eight frames without re-alignment. A new multiframe alignment is chosen, and
LOM state is exited when four consecutive correct multiframe patterns are
detected.
11.7.1.3
Error Monitoring
Two 16-bit counters are provided to accumulate path BIP-8 errors (B3) and path
remote error indications (REI). The contents of the counters may be transferred
to holding registers, and the counters reset under microprocessor control.
Path BIP-8 errors are detected by comparing the path BIP-8 byte (B3) extracted
from the current frame, to the path BIP-8 computed for the previous frame. BIP-8
errors are selectable to be counted as bit errors or as block errors via register
bits. When processing a concatenated stream, the RPOP in a master RPPS will
include the BIP-8 values computed by its slave RPPS’s in the generation of the
actual BIP-8 for the stream.
Path RDI alarm is detected by extracting bit 5 of the path status byte. The PRDI
signal is set high when bit 5 is set high for five/ten consecutive frames. PRDI is
set low when bit 5 is low for five/ten consecutive frames. Auxiliary RDI alarm is
detected by extracting bit 6 of the path status byte. The Auxiliary RDI alarm is
indicated when bit 6 is set high for five/ten consecutive frames. The Auxiliary RDI
alarm is removed when bit 6 is low for five/ten consecutive frames. The
Enhanced RDI alarm is detected when the enhanced RDI code in bits 5,6,7 of
the path status byte indicates the same error codepoint for five/ten consecutive
frames. The Enhanced RDI alarm is removed when the enhanced RDI code in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com