Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 154 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 154 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 150Page - PMC-Sierra, Inc PM5313 Datasheet HTML 151Page - PMC-Sierra, Inc PM5313 Datasheet HTML 152Page - PMC-Sierra, Inc PM5313 Datasheet HTML 153Page - PMC-Sierra, Inc PM5313 Datasheet HTML 154Page - PMC-Sierra, Inc PM5313 Datasheet HTML 155Page - PMC-Sierra, Inc PM5313 Datasheet HTML 156Page - PMC-Sierra, Inc PM5313 Datasheet HTML 157Page - PMC-Sierra, Inc PM5313 Datasheet HTML 158Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
122
bits 5,6,7 of the path status byte indicates the same non error codepoint for
five/ten consecutive frames.
11.7.1.4
Path Overhead Extract
Path overhead bytes are extracted from an STS-1 (STM-0/AU3) or equivalent
stream which are being processed by the RPOP. When processing a
concatenated stream, only the RPOP in a master RPPS will provide valid path
overhead bytes. The extracted path overhead bytes will be serialized and
multiplexed on to RPOH by higher level logic.
11.7.1.5
Receive Alarm Port
Path BIP errors and path remote defect indications (RDI) for an STS-1 (STM-
0/AU3) or equivalent stream which are being processed by the RPOP are
provided to the higher level logic for communicating via the Receive Alarm Port to
the corresponding transmit path overhead processor (TPOP) in a mate
SPECTRA-622. When processing a concatenated stream, only the RPOP in the
master RPPS will provide the valid path BIP error count and path RDI code for
the stream.
11.7.2 Receive Path Trace Buffer (SPTB)
In mode 1 operation, the receive portion of the SONET/SDH Path Trace Buffer
(SPTB) captures the received path trace identifier message (J1 bytes) into
microprocessor readable registers. It contains three pages of trace message
memory. They are the capture page, the accepted page and the expected page.
Path trace identifier data bytes from the receive stream are written into the
capture page. The expected identifier message is downloaded by the
microprocessor into the expected page. On receipt of a trace identifier byte, it is
written into next location in the capture page. The received byte is compared with
the data from the previous message in the capture page. An identifier message is
accepted if it is received unchanged three times, or optionally, five times. The
accepted message is then compared with the expected message. If enabled, an
interrupt is generated when the accepted message changes from matching to
mismatching the expected message and vice versa. If the current message
differs from the previous message the unstable counter is incremented by one.
When the unstable count reaches eight, the received message is declared
unstable. The received message is declared stable and the unstable counter
reset, when the received message passes the persistency criterion (three or five
identical receptions) for being accepted. An interrupt may be optionally generated
on entry to and exit from the unstable state. Optionally, path AIS may be inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com