Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 161 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 161 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 157Page - PMC-Sierra, Inc PM5313 Datasheet HTML 158Page - PMC-Sierra, Inc PM5313 Datasheet HTML 159Page - PMC-Sierra, Inc PM5313 Datasheet HTML 160Page - PMC-Sierra, Inc PM5313 Datasheet HTML 161Page - PMC-Sierra, Inc PM5313 Datasheet HTML 162Page - PMC-Sierra, Inc PM5313 Datasheet HTML 163Page - PMC-Sierra, Inc PM5313 Datasheet HTML 164Page - PMC-Sierra, Inc PM5313 Datasheet HTML 165Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
129
put in bypass mode. Once in bypass, all the features related to the RTAL can no
longer be use. This includes the generation of pointers and of TUAIS alarms.
The drop clock, DCK, must be connected to the PGMRCLK since FIFOs are no
longer present. The pointer outputted on the drop bus will be the same as the
one received. Since pointer generation related to AIS transitions is not supported,
no NDF will be generated.
When in bypass mode, the V1 pulse on the DROP bus will always be outputted, it
cannot be disabled. Also, the autonomous mode of the DPGM is not supported in
bypass mode.
11.7.4 DS3 Mapper DROP Side (D3MD)
The DS3 Mapper DROP Side (D3MD) block demaps a DS3 signal from an STS-1
(STM-0/AU3) receive stream. The asynchronous DS3 mapping consists of 9
rows every 125 µs (8 KHz). Each row contains 621 information bits, 5 stuff
control bits, 1 stuff opportunity bit, and 2 overhead communication channel bits.
Fixed stuff bytes are used to fill the remaining bytes. The asynchronous DS3
mapping is shown below:
Table 3
- Asynchronous DS3 mapping to STS-1 (STM-0/AU3).
J1
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
STS
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
POH
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
R: Fixed Stuff bit - set to logic ‘0’ or ‘1’
C: Stuff Control bit - set to logic ‘1’ for stuff indication
S: Stuff Opportunity bit - when stuff control bit is ‘0’, stuff opportunity is I bit
O: Overhead communication channel
I: DS3 payload information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com