Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 167 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 167 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 163Page - PMC-Sierra, Inc PM5313 Datasheet HTML 164Page - PMC-Sierra, Inc PM5313 Datasheet HTML 165Page - PMC-Sierra, Inc PM5313 Datasheet HTML 166Page - PMC-Sierra, Inc PM5313 Datasheet HTML 167Page - PMC-Sierra, Inc PM5313 Datasheet HTML 168Page - PMC-Sierra, Inc PM5313 Datasheet HTML 169Page - PMC-Sierra, Inc PM5313 Datasheet HTML 170Page - PMC-Sierra, Inc PM5313 Datasheet HTML 171Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
135
process the second and third STS-1 (STM-0/AU3) equivalent streams
respectively. Processing of a concatenated stream is co-ordinated by the control
signals originating from the master TPPS and status information feedback from
the slave TPPS’s. Similarly, an STS-12c (STM-4-4c) is processed by the master
TPPS (TPPS#1) controlling eleven slave TPPS’s (TPPS#2 to TPPS#12).
TPOH is a multiplexed input signal carrying the path overhead bytes for the
transmit STS-1 (STM-0/AU3), the STS-3c (STM-1/AU4) streams or the single
STS-12c (STM-4-4c) stream being processed by the TPPS’s. Output TPOHFP is
provided to identify the most significant bit of the path trace byte (J1) of the first
STS-1 (STM-0/AU3) or the first STS-3c (STM-1/AU4) or the single STS-12c
(STM-4-4c) on TPOH. Time-slots for path overhead bytes insertion via TPOH are
provided at close to twice the rate in which the path overhead bytes are
transmitted. This is to facilitate the multiplexing of input path overhead bytes
destined for the various TPPS’s. Input TPOHEN is used to mark the most
significant bit of a path overhead byte that needs to be transmitted in the
corresponding transmit stream. Output TPOHRDY is provided to indicate that a
particular path overhead byte on TPOH is accepted for transmission. Re-insertion
of a path overhead byte in its next available time-slot on TPOH is required if it is
not accepted for transmission during the current time-slot. The transmit path
overhead clock, TPOHCLK is nominally a 12.96 MHz clock. TPOH, TPOHEN,
TPOHRDY and TPOHFP are sampled or updated by TPOHCLK.
Received path BIP errors (REI) and path remote defect indications (RDI) for all
the receive STS-1 (STM-0/AU3) streams, STS-3c (STM-1/AU4) streams or the
single STS-12c (STM-4-4c) stream from the RPPS’s in a remote SPECTRA-622
are communicated to the corresponding TPPS’s in the local SPECTRA-622 via
the transmit alarm port. The transmit alarm port can also contain the transmit
APS bytes (K1, K2) of the (remote) working SPECTRA-622. In the protection
(local) SPECTRA-622, the APS bytes in the transmit stream may be optionally
sourced from the transmit alarm port.
The PRBS generator of an TPPS can be enabled to overwrite the transmit
stream framing in addition to the payload. For an STS-3c (STM-1/AU4) stream,
the PRBS generator in each of the three TPPS’s required to process the
concatenated stream will generate one third (1 in 3) of the PRBS payload
sequence. A complete PRBS payload sequence is produced when these three
partial sequences are byte interleaved downstream. The PRBS generator in the
master TPPS co-ordinates the PRBS generation by itself and its counterparts in
the two slave TPPS’s.
Similarly for an STS-12c (STM-4-4c) stream, the PRBS generator in the master
TPPS will co-ordinate the distributed PRBS generation by the PRBS generators
in the twelve TPPS’s required to process this concatenated stream. Each PRBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com