Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 170 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 170 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 166Page - PMC-Sierra, Inc PM5313 Datasheet HTML 167Page - PMC-Sierra, Inc PM5313 Datasheet HTML 168Page - PMC-Sierra, Inc PM5313 Datasheet HTML 169Page - PMC-Sierra, Inc PM5313 Datasheet HTML 170Page - PMC-Sierra, Inc PM5313 Datasheet HTML 171Page - PMC-Sierra, Inc PM5313 Datasheet HTML 172Page - PMC-Sierra, Inc PM5313 Datasheet HTML 173Page - PMC-Sierra, Inc PM5313 Datasheet HTML 174Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
138
Table 6
- DS3 synchronizer bit stuffing algorithm.
Row Number
Normal or DS3 AIS
Run Faster
Run Slower
1S
S
S
2S
S
S
3I
I
I
4S
S
S
5S
I
S
6I
I
S
7S
S
S
8S
I
S
9I
I
S
Under microprocessor control, the incoming DS3 stream can be overwritten with
the framed DS3 AIS. When asserting DS3 AIS, a nominal stuff pattern is used as
illustrated above. Please refer to the D3MD functional description section for a
description of the DS3 AIS frame.
The D3MA outputs the STS-1 (STM-0/AU3) with the mapped DS3 onto an
internal ADD bus for further processing by the downstream block.
11.8.3 Transmit Pointer Interpreter Processor (TPIP)
The Transmit Pointer Interpreter Processor (TPIP) block takes STS-1
(STM-0/AU3) SPE (VC3) or equivalent data stream from the ADD bus, interprets
the pointer (H1, H2), indicates the J1 byte location and detects alarm conditions
(e.g. PAIS).
The TPIP block allows the SPECTRA-622 to operate with Telecombus like back
plane systems which do not indicate the J1 byte position. The TPIP block can be
enabled using the DISJ1V1 bit in the SPECTRA-622 Path/DS3 Configuration
register. When enabled, the TPIP takes a STS-1 (STM-0/AU3) SONET/SDH
stream from the System Side Interface block, processes the stream, identifies the
J1 byte location and provides the stream to the corresponding Transmit
Telecombus Aligner block.
The TPIP is held in reset in DS3 mode, DS3ADDSEL = ‘1’ and when SLLBEN =
'0' (reg 1n00). When held in reset, TPIP registers cannot be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com