Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 175 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 175 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 171Page - PMC-Sierra, Inc PM5313 Datasheet HTML 172Page - PMC-Sierra, Inc PM5313 Datasheet HTML 173Page - PMC-Sierra, Inc PM5313 Datasheet HTML 174Page - PMC-Sierra, Inc PM5313 Datasheet HTML 175Page - PMC-Sierra, Inc PM5313 Datasheet HTML 176Page - PMC-Sierra, Inc PM5313 Datasheet HTML 177Page - PMC-Sierra, Inc PM5313 Datasheet HTML 178Page - PMC-Sierra, Inc PM5313 Datasheet HTML 179Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
143
In addition, individual channels can be sourced from inputs TSLD, TOH, TSUC,
TLD and TLOW. These inputs offer two clocking modes, a smooth or gapped
clock. The non-gapped mode is processed by the TTOC. In the case of the
smooth clock modes, output generated clocks for these inputs are smooth and
the TTOHFP can be used to identify the required byte alignment on the serial
inputs. In gapped clock mode, the output generated clocks are gapped and gap
detection circuitry is needed to identify the required data alignment on the serial
inputs.
The TTOC block also allows setting of the Unused and National Use bytes in the
SONET/SDH TOH. Specific registers exist to program fixed values in the Z0
bytes and the S1 byte of the TOH. The Remote Error Indication (REI) in the M1
byte may also be manually set via the TTOH input or the error count can be
supplied via the TTOHREI input whose pulses are counted to generate an REI
error code.
Upon inserting or modification of a transport overhead byte by the TTOC block,
the TTOC disables downstream blocks from modifying the same TOH byte again.
1
2
3
4-12
1
2
3
4-12
1
2
3
4-12
1
A1
A1
A1
A1
A2
A2
A2
A2
J0
Z0
Z0
Z0
2
B1
E1
F1
S
e
c
t
i
o
n
3
D1
D2
D3
4
H1
H1
H1
H1
H2
H2
H2
H2
H3
H3
H3
H3
5
B2
B2
B2
B2
K1
K2
6
D4
D5
D6
7
D7
D8
D9
8
D10
D11
D12
L
i
n
e
9
S1
Z1
Z1
Z1
Z2
Z2
M1
Z2
E2
National Bytes
Unused Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com